Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 301 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 301 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 297Page - Intel Corporation 82G33 Datasheet HTML 298Page - Intel Corporation 82G33 Datasheet HTML 299Page - Intel Corporation 82G33 Datasheet HTML 300Page - Intel Corporation 82G33 Datasheet HTML 301Page - Intel Corporation 82G33 Datasheet HTML 302Page - Intel Corporation 82G33 Datasheet HTML 303Page - Intel Corporation 82G33 Datasheet HTML 304Page - Intel Corporation 82G33 Datasheet HTML 305Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
Datasheet
301
9.1.23
MD— Message Signaled Interrupt Message Data
B/D/F/Type:
0/3/0/PCI
Address Offset:
98–99h
Default Value:
0000h
Access:
RW
Size:
16 bits
Bit
Access &
Default
Description
15:0
RW
0000h
Data (Data): This 16-bit field is programmed by system software if
MSI is enabled. Its content is driven onto the FSB during the data
phase of the MSI memory write transaction.
9.1.24
HIDM—HECI Interrupt Delivery Mode
B/D/F/Type:
0/3/0/PCI
Address Offset:
A0h
Default Value:
00h
Access:
RW
Size:
8 bits
BIOS Optimal Default
00h
This register is used to select interrupt delivery mechanism for HECI to Host processor
interrupts.
Bit
Access &
Default
Description
7:2
RO
0h
Reserved
1:0
RW
00b
HECI Interrupt Delivery Mode (HIDM): These bits control what type
of interrupt the HECI will send when ME FW writes to set the M_IG bit
in AUX space. They are interpreted as follows:
00 = Generate Legacy or MSI interrupt
01 = Generate SCI
10 = Generate SMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com