Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 297 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 297 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 293Page - Intel Corporation 82G33 Datasheet HTML 294Page - Intel Corporation 82G33 Datasheet HTML 295Page - Intel Corporation 82G33 Datasheet HTML 296Page - Intel Corporation 82G33 Datasheet HTML 297Page - Intel Corporation 82G33 Datasheet HTML 298Page - Intel Corporation 82G33 Datasheet HTML 299Page - Intel Corporation 82G33 Datasheet HTML 300Page - Intel Corporation 82G33 Datasheet HTML 301Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
Datasheet
297
9.1.17
PC— PCI Power Management Capabilities
B/D/F/Type:
0/3/0/PCI
Address Offset:
52–53h
Default Value:
C803h
Access:
RO
Size:
16 bits
Bit
Access &
Default
Description
15:11
RO
11001b
PME_Support (PSUP): Indicates the states that can generate PME#.
HECI can assert PME# from any D-state except D1 or D2 which are not
supported by HECI.
10
RO
0b
D2_Support (D2S): The D2 state is not supported for the HECI host
controller.
9
RO
0b
D1_Support (D1S): The D1 state is not supported for the HECI host
controller.
8:6
RO
000b
Aux_Current (AUXC): Reports the maximum Suspend well current
required when in the D3COLD state. Value of TBD is reported.
5
RO
0b
Device Specific Initialization (DSI): Indicates whether device-
specific initialization is required.
4
RO
0b
Reserved
3
RO
0b
PME Clock (PMEC): Indicates that PCI clock is not required to
generate PME#.
2:0
RO
011b
Version (VS): Indicates support for Revision 1.2 of the PCI Power
Management Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com