Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 300 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 300 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 296Page - Intel Corporation 82G33 Datasheet HTML 297Page - Intel Corporation 82G33 Datasheet HTML 298Page - Intel Corporation 82G33 Datasheet HTML 299Page - Intel Corporation 82G33 Datasheet HTML 300Page - Intel Corporation 82G33 Datasheet HTML 301Page - Intel Corporation 82G33 Datasheet HTML 302Page - Intel Corporation 82G33 Datasheet HTML 303Page - Intel Corporation 82G33 Datasheet HTML 304Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
300
Datasheet
9.1.21
MA— Message Signaled Interrupt Message Address
B/D/F/Type:
0/3/0/PCI
Address Offset:
90–93h
Default Value:
00000000h
Access:
RW, RO
Size:
32 bits
Bit
Access &
Default
Description
31:2
RW
00000000h
Address (ADDR): This field provides the lower 32 bits of the system
specified message address, always DWord aligned.
MSI is not translated in Vtd; therefore, to avoid sending bad MSI with
address, bit [31:20] will be masked internally to generate 12'hFEE
regardless of content in register. Register attribute remains as RW.
1:0
RO
00b
Reserved
9.1.22
MUA— Message Signaled Interrupt Upper Address
(Optional)
B/D/F/Type:
0/3/0/PCI
Address Offset:
94–97h
Default Value:
00000000h
Access:
RW
Size:
32 bits
Bit
Access &
Default
Description
31:0
RW
00000000h
Upper Address (UADDR): This field provides the upper 32 bits of
the system specified message address. This register is optional and
only implemented if MC.C64=1.
MSI is not translated in Vtd, therefore, in order to avoid sending bad
MSI with address bit [3:0] will be masked internally to generate 4'h0
regardless of content in register. Register attribute remains as RW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com