Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 302 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 302 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 298Page - Intel Corporation 82G33 Datasheet HTML 299Page - Intel Corporation 82G33 Datasheet HTML 300Page - Intel Corporation 82G33 Datasheet HTML 301Page - Intel Corporation 82G33 Datasheet HTML 302Page - Intel Corporation 82G33 Datasheet HTML 303Page - Intel Corporation 82G33 Datasheet HTML 304Page - Intel Corporation 82G33 Datasheet HTML 305Page - Intel Corporation 82G33 Datasheet HTML 306Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
302
Datasheet
9.2
HECI2 Configuration Register Details (D3:F1)
(Intel® 82Q35 and 82Q33 GMCH only)
Table 9-2. Second HECI Function in ME Subsystem Register Address Map
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
00–03h
ID
Identifiers
29C58086h
RO
04–05h
CMD
Command
0000h
RO, RW
06–07h
STS
Device Status
0010h
RO
08h
RID
Revision ID
00h
RO
09–0Bh
CC
Class Code
078000h
RO
0Ch
CLS
Cache Line Size
00h
RO
0Dh
MLT
Master Latency Timer
00h
RO
0Eh
HTYPE
Header Type
80h
RO
10–17h
HECI_MBAR
HECI MMIO Base Address
0000000000
000004h
RO, RW
2C–2Fh
SS
Sub System Identifiers
00000000h
RWO
34h
CAP
Capabilities Pointer
50h
RO
3C–3Dh
INTR
Interrupt Information
0400h
RW, RO
3Eh
MGNT
Minimum Grant
00h
RO
3Fh
MLAT
Maximum Latency
00h
RO
40–43h
HFS
Host Firmware Status
00000000h
RO
50–51h
PID
PCI Power Management Capability ID
8C01h
RO
52–53h
PC
PCI Power Management Capabilities
C803h
RO
54–55h
PMCS
PCI Power Management Control And
Status
0008h
RO, RW,
RWC
8C–8Dh
MID
Message Signaled Interrupt
Identifiers
0005h
RO
8E–8Fh
MC
Message Signaled Interrupt Message
Control
0080h
RW, RO
90–93h
MA
Message Signaled Interrupt Message
Address
00000000h
RW, RO
94–97h
MUA
Message Signaled Interrupt Upper
Address (Optional)
00000000h
RW
98–99h
MD
Message Signaled Interrupt Message
Data
0000h
RW
A0h
HIDM
HECI Interrupt Delivery Mode
00h
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com