Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 304 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 304 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 300Page - Intel Corporation 82G33 Datasheet HTML 301Page - Intel Corporation 82G33 Datasheet HTML 302Page - Intel Corporation 82G33 Datasheet HTML 303Page - Intel Corporation 82G33 Datasheet HTML 304Page - Intel Corporation 82G33 Datasheet HTML 305Page - Intel Corporation 82G33 Datasheet HTML 306Page - Intel Corporation 82G33 Datasheet HTML 307Page - Intel Corporation 82G33 Datasheet HTML 308Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
304
Datasheet
Bit
Access &
Default
Description
2
RW
0b
Bus Master Enable (BME): This bit controls the HECI host controller's
ability to act as a system memory master for data transfers. When this
bit is cleared, HECI bus master activity stops and any active DMA
engines return to an idle condition.
0 = Disable. HECI is blocked from generating MSI to the host
processor.
1 = Enable.
Note that this bit does not block HECI accesses to ME-UMA (i.e., writes
or reads to the host and ME circular buffers through the read window
and write window registers still cause ME backbone transactions to ME-
UMA).
1
RW
0b
Memory Space Enable (MSE): This bit controls access to the HECI
host controller’s memory mapped register space.
0 = Disable
1 = Enable
0
RO
0b
I/O Space Enable (IOSE): Not implemented, hardwired to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com