Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 333 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 333 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 329Page - Intel Corporation 82G33 Datasheet HTML 330Page - Intel Corporation 82G33 Datasheet HTML 331Page - Intel Corporation 82G33 Datasheet HTML 332Page - Intel Corporation 82G33 Datasheet HTML 333Page - Intel Corporation 82G33 Datasheet HTML 334Page - Intel Corporation 82G33 Datasheet HTML 335Page - Intel Corporation 82G33 Datasheet HTML 336Page - Intel Corporation 82G33 Datasheet HTML 337Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
Datasheet
333
9.4
Serial Port for Remote Keyboard and Text KT
Redirection Register Details (D3:F3) (Intel®
82Q35 and 82Q33 GMCH Only)
Table 9-4. Serial Port for Remote Keyboard and Text KT Redirection Register Address
Map
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
00–03h
ID
Identification
29C78086h
RO
04–05h
CMD
Command Register
0000h
RO, RW
06–07h
STS
Device Status
00B0h
RO
08h
RID
Revision ID
00h
RO
09–0Bh
CC
Class Codes
070002h
RO
0Ch
CLS
Cache Line Size
00h
RO
0Dh
MLT
Master Latency Timer
00h
RO
0Eh
HTYPE
Header Type
00h
RO
10–13h
KTIBA
KT IO Block Base Address
00000001h
RO, RW
14–17h
KTMBA
KT Memory Block Base Address
00000000h
RO, RW
2C–2Fh
SS
Sub System Identifiers
00008086h
RWO
30–33h
EROM
Expansion ROM Base Address
00000000h
RO
34h
CAP
Capabilities Pointer
C8h
RO
3C–3Dh
INTR
Interrupt Information
0200h
RW, RO
3Eh
MGNT
Minimum Grant
00h
RO
3Fh
MLAT
Maximum Latency
00h
RO
C8–C9h
PID
PCI Power Management Capability
ID
D001h
RO
CA–CBh
PC
PCI Power Management Capabilities
0023h
RO
CC–CFh
PMCS
PCI Power Management Control and
Status
00000000h
RO/V,
RO, RW
D0–D1h
MID
Message Signaled Interrupt
Capability ID
0005h
RO
D2–D3h
MC
Message Signaled Interrupt
Message Control
0080h
RO, RW
D4–D7h
MA
Message Signaled Interrupt
Message Address
00000000h
RO, RW
D8–DBh
MAU
Message Signaled Interrupt
Message Upper Address
00000000h
RO, RW
DC–DDh
MD
Message Signaled Interrupt
Message Data
0000h
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com