Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 331 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 331 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 327Page - Intel Corporation 82G33 Datasheet HTML 328Page - Intel Corporation 82G33 Datasheet HTML 329Page - Intel Corporation 82G33 Datasheet HTML 330Page - Intel Corporation 82G33 Datasheet HTML 331Page - Intel Corporation 82G33 Datasheet HTML 332Page - Intel Corporation 82G33 Datasheet HTML 333Page - Intel Corporation 82G33 Datasheet HTML 334Page - Intel Corporation 82G33 Datasheet HTML 335Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
Datasheet
331
9.3.25
MA—Message Signaled Interrupt Message Address
B/D/F/Type:
0/3/2/PCI
Address Offset:
D4–D7h
Default Value:
00000000h
Access:
RO, RW
Size:
32 bits
This register specifies the DWord aligned address programmed by system software for
sending MSI.
Note: Reset: Host system Reset or D3->D0 transition.
Bit
Access &
Default
Description
31:2
RW
00000000h
Address (ADDR): Lower 32 bits of the system specified message
address, always DWORD aligned
Force host MSI address to 0_FEEx_XXXXh before sending to
backbone, regardless of values programmed in MA and MUA registers
under respective PCI Configuration Space. Note that the MA and MUA
registers should continued to be RW (no change to registers
implementation, just hardcode 0_FEEh as bit[35:20] for MSI cycles to
backbone).
1:0
RO
00b
Reserved
9.3.26
MAU—Message Signaled Interrupt Message Upper Address
B/D/F/Type:
0/3/2/PCI
Address Offset:
D8–DBh
Default Value:
00000000h
Access:
RO, RW
Size:
32 bits
This register provides the upper 32 bits of the message address for the 64bit address
capable device.
Note: Reset: Host system Reset or D3->D0 transition.
Bit
Access &
Default
Description
31:4
RO
0000000h
Reserved
3:0
RW
0000b
Address (ADDR): Upper 4 bits of the system specified message
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com