Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 334 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 334 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 330Page - Intel Corporation 82G33 Datasheet HTML 331Page - Intel Corporation 82G33 Datasheet HTML 332Page - Intel Corporation 82G33 Datasheet HTML 333Page - Intel Corporation 82G33 Datasheet HTML 334Page - Intel Corporation 82G33 Datasheet HTML 335Page - Intel Corporation 82G33 Datasheet HTML 336Page - Intel Corporation 82G33 Datasheet HTML 337Page - Intel Corporation 82G33 Datasheet HTML 338Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
334
Datasheet
9.4.1
ID—Identification
B/D/F/Type:
0/3/3/PCI
Address Offset:
00-03h
Default Value:
29C78086h
Access:
RO
Size:
32 bits
This register combined with the Device Identification register uniquely identifies any
PCI device.
Bit
Access &
Default
Description
31:16
RO
29C7h
Device ID (DID): Assigned by manufacturer, identifies the device
15:0
RO
8086h
Vendor ID (VID): 16-bit field which indicates the company vendor as
Intel
9.4.2
CMD—Command Register
B/D/F/Type:
0/3/3/PCI
Address Offset:
04-05h
Default Value:
0000h
Access:
RO, RW
Size:
16 bits
This register provides basic control over the device's ability to respond to and perform
Host system related accesses.
Note: Reset: Host System reset or D3->D0 transition.
Bit
Access &
Default
Description
15:11
RO
00h
Reserved
10
RW
0b
Interrupt Disable (ID): This bit disables pin-based INTx# interrupts.
This bit has no effect on MSI operation.
0 = Enable. Internal INTx# messages are generated if there is an
interrupt and MSI is not enabled.
1 = Disable. Internal INTx# messages will not be generated.
9
RO
0b
Fast back-to-back enable (FBE): Reserved
8
RO
0b
SERR# Enable (SEE): The PT function never generates an SERR#.
This bit is Reserved.
7
RO
0b
Wait Cycle Enable (WCC): Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com