Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 71 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 71 Page - Intel Corporation

Back Button G35 Datasheet HTML 67Page - Intel Corporation G35 Datasheet HTML 68Page - Intel Corporation G35 Datasheet HTML 69Page - Intel Corporation G35 Datasheet HTML 70Page - Intel Corporation G35 Datasheet HTML 71Page - Intel Corporation G35 Datasheet HTML 72Page - Intel Corporation G35 Datasheet HTML 73Page - Intel Corporation G35 Datasheet HTML 74Page - Intel Corporation G35 Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 351 page
background image
GMCH Register Description
Datasheet
71
Just the same as with PCI devices, each device is selected based on decoded address
information that is provided as a part of the address portion of Configuration Request
packets. A PCI Express device will decode all address information fields (bus, device,
function and extended address numbers) to provide access to the correct register.
To access this space (steps 1, 2, 3 are done only once by BIOS),
1. use the PCI compatible configuration mechanism to enable the PCI Express
enhanced configuration mechanism by writing 1 to bit 0 of the PCI
EXPRESS*XBAR register.
2. use the PCI compatible configuration mechanism to write an appropriate PCI
Express base address into the PCI EXPRESS*XBAR register
3. calculate the host address of the register you wish to set using (PCI Express
base + (bus number * 1 MB) + (device number * 32KB) + (function number *
4 KB) + (1 B * offset within the function) = host address)
4. use a memory write or memory read cycle to the calculated host address to
write or read that register.
4.4
Routing Configuration Accesses
The GMCH supports two PCI related interfaces: DMI and PCI Express. The GMCH is
responsible for routing PCI and PCI Express configuration cycles to the appropriate
device that is an integrated part of the GMCH or to one of these two interfaces.
Configuration cycles to the ICH8 internal devices and Primary PCI (including
downstream devices) are routed to the ICH8 via DMI. Configuration cycles to both the
PCI Express Graphics PCI compatibility configuration space and the PCI Express
Graphics extended configuration space are routed to the PCI Express Graphics port
device or associated link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com