Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 79 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 79 Page - Intel Corporation

Back Button G35 Datasheet HTML 75Page - Intel Corporation G35 Datasheet HTML 76Page - Intel Corporation G35 Datasheet HTML 77Page - Intel Corporation G35 Datasheet HTML 78Page - Intel Corporation G35 Datasheet HTML 79Page - Intel Corporation G35 Datasheet HTML 80Page - Intel Corporation G35 Datasheet HTML 81Page - Intel Corporation G35 Datasheet HTML 82Page - Intel Corporation G35 Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 351 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
79
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
60–67h
PCIEXBAR
PCI Express Register Range Base
Address
00000000E0
000000h
RO, RW,
RW/L,
RW/K
68–6Fh
DMIBAR
Root Complex Register Range
Base Address
0000000000
000000h
RO, RW
90h
PAM0
Programmable Attribute Map 0
00h
RO, RW
91h
PAM1
Programmable Attribute Map 1
00h
RO, RW
92h
PAM2
Programmable Attribute Map 2
00h
RO, RW
93h
PAM3
Programmable Attribute Map 3
00h
RO, RW
94h
PAM4
Programmable Attribute Map 4
00h
RO, RW
95h
PAM5
Programmable Attribute Map 5
00h
RO, RW
96h
PAM6
Programmable Attribute Map 6
00h
RO, RW
97h
LAC
Legacy Access Control
00h
RO, RW
98–99h
REMAPBASE
Remap Base Address Register
03FFh
RO, RW
9A–9Bh
REMAPLIMI
T
Remap Limit Address Register
0000h
RO, RW
9Dh
SMRAM
System Management RAM Control
02h
RO, RW/L,
RW,
RW/L/K
9Eh
ESMRAMC
Extended System Management
RAM Control
38h
RW/L,
RWC, RO
A0–A1h
TOM
Top of Memory
0001h
RO, RW/L
A2–A3h
TOUUD
Top of Upper Usable Dram
0000h
RW/L
A4–A7h
GBSM
Graphics Base of Stolen Memory
00000000h
RW/L ,RO
AC–AFh
TSEGMB
TSEG Memory Base
00000000h
RW/L, RO
B0–B1h
TOLUD
Top of Low Usable DRAM
0010h
RW/L RO
C8–C9h
ERRSTS
Error Status
0000h
RO,
RWC/S
CA–CBh
ERRCMD
Error Command
0000h
RO, RW
CC–CDh
SMICMD
SMI Command
0000h
RO, RW
DC–DFh
SKPD
Scratchpad Data
00000000h
RW
E0–E9h
CAPID0
Capability Identifier
0000000000
0001090009
h
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com