Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 36 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 36 Page - Intel Corporation

Back Button G35 Datasheet HTML 32Page - Intel Corporation G35 Datasheet HTML 33Page - Intel Corporation G35 Datasheet HTML 34Page - Intel Corporation G35 Datasheet HTML 35Page - Intel Corporation G35 Datasheet HTML 36Page - Intel Corporation G35 Datasheet HTML 37Page - Intel Corporation G35 Datasheet HTML 38Page - Intel Corporation G35 Datasheet HTML 39Page - Intel Corporation G35 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 351 page
background image
Signal Description
36
Datasheet
2.4
DDR2 DRAM Reference and Compensation
Signal Name
Type
Description
SRCOMP[3:0]
I
A
System Memory RCOMP
SVREF
I
A
SDRAM Reference Voltage: Reference voltage input for DQ,
DQS, and DQS# input signals.
SMRCOMPVOL
I
A
System Memory RCOMP reference
SMRCOMPVOH
I
A
System Memory RCOMP reference
2.5
PCI Express* Interface Signals
Signal Name
Type
Description
EXP_RXN[15:0]
EXP_RXP[15:0]
I
PCI
EXPRESS
PCI Express Receive Differential Pair (RX)
EXP_TXN[15:0]
EXP_TXP[15:0]
O
PCI
EXPRESS
PCI Express Graphics Transmit Differential Pair (TX)
EXP_COMPO
I
A
PCI Express Graphics Output Current Compensation
EXP_COMPI
I
A
PCI Express Graphics Input Current Compensation
2.6
Analog Display Signals
Signal Name
Type
Description
RED
O
A
RED Analog Video Output: This signal is a CRT Analog video
output from the internal color palette DAC. The DAC is designed
for a 37.5 ohm routing impedance, but the terminating resistor
to ground will be 75 ohms (e.g., 75 ohm resistor on the board,
in parallel with a 75 ohm CRT load).
RED#
O
A
RED# Analog Output: This signal is an analog video output
from the internal color palette DAC. It should be shorted to the
ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com