Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 26 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 26 Page - Intel Corporation

Back Button G35 Datasheet HTML 22Page - Intel Corporation G35 Datasheet HTML 23Page - Intel Corporation G35 Datasheet HTML 24Page - Intel Corporation G35 Datasheet HTML 25Page - Intel Corporation G35 Datasheet HTML 26Page - Intel Corporation G35 Datasheet HTML 27Page - Intel Corporation G35 Datasheet HTML 28Page - Intel Corporation G35 Datasheet HTML 29Page - Intel Corporation G35 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 351 page
background image
Introduction
26
Datasheet
•
Automatic discovery, negotiation, and training of link out of reset
•
Supports traditional PCI style traffic (asynchronous snooped, PCI ordering)
•
Supports traditional AGP style traffic (asynchronous non-snooped, PCI Express-
relaxed ordering)
•
Hierarchical PCI-compliant configuration mechanism for downstream devices (i.e.,
normal PCI 2.3 Configuration space as a PCI-to-PCI bridge)
•
Supports “static” lane numbering reversal. This method of lane reversal is
controlled by a Hardware Reset strap, and reverses both the receivers and
transmitters for all lanes (e.g., TX[15]->TX[0], RX[15]->RX[0]). This method is
transparent to all external devices and is different than lane reversal as defined in
the PCI Express Specification. In particular, link initialization is not affected by
static lane reversal.
1.3.5
Graphics Features
The GMCH provides an integrated graphics device (IGD) delivering cost competitive
3D, 2D and video capabilities. The GMCH contains an extensive set of instructions for
3D operations, 2D operations, motion compensation, overlay, and display control. The
GMCH’s video engines support video conferencing and other video applications. The
GMCH uses a UMA configuration with up to 256MB of DVMT for graphics memory. The
GMCH also has the capability to support external graphics accelerators via the PCI
Express Graphics (PEG) port but cannot work concurrently with the integrated
graphics device. High bandwidth access to data is provided through the system
memory port.
1.3.6
SDVO and Analog Display Features
The GMCH provides interfaces to a progressive scan analog monitor and two SDVO
ports. For the GMCH, the SDVO ports are multiplexed with PCI Express x16 graphics
port signals. The GMCH supports two multiplexed SDVO ports that each drive pixel
clocks up to 270 MHz. The SDVO ports can each support a single-channel SDVO
device. If both ports are active in single-channel mode, they can have different display
timing and data.
The digital display channels are capable of driving a variety of SDVO devices (e.g.,
TMDS, TV-Out). Note that SDVO only works with the Integrated Graphics Device
(IGD). The GMCH is capable of driving an Advanced Digital Display (ADD2) card or
Media Expansion Card. The Media Expansion Card adds video-in capabilities. The
GMCH is compliant with DVI Specification 1.0. When combined with a DVI compliant
external device and connector, the GMCH has a high-speed interface to a digital
display (e.g., flat panel or digital CRT).
The GMCH is compliant with HDMI specification 1.1. When combined with a HDMI
compliant external device and connector, the external HDMI device can support
standard, enhanced, or high-definition video, plus multi-channel digital audio on a
single cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com