Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 15 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 15 Page - Intel Corporation

Back Button G35 Datasheet HTML 11Page - Intel Corporation G35 Datasheet HTML 12Page - Intel Corporation G35 Datasheet HTML 13Page - Intel Corporation G35 Datasheet HTML 14Page - Intel Corporation G35 Datasheet HTML 15Page - Intel Corporation G35 Datasheet HTML 16Page - Intel Corporation G35 Datasheet HTML 17Page - Intel Corporation G35 Datasheet HTML 18Page - Intel Corporation G35 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 351 page
background image
Datasheet
15
Intel® 82G35 GMCH Features
• Processor/Host Interface (FSB)
⎯
Supports Intel® Core™2 Duo desktop processor
⎯
Supports Intel® Core™2 Quad desktop processor
⎯
800/1067 MT/s (200/266 MHz) FSB
⎯
Hyper-Threading Technology (HT Technology)
⎯
FSB Dynamic Bus Inversion (DBI)
⎯
36-bit host bus addressing
⎯
12-deep In-Order Queue
⎯
1-deep Defer Queue
⎯
GTL+ bus driver with integrated GTL termination
resistors
⎯
Supports cache Line Size of 64 bytes
• System Memory Interface
⎯
One or two channels (each channel consisting of
64 data lines)
⎯
Single or Dual Channel memory organization
⎯
DDR2-800/667 frequencies
⎯
Unbuffered, non-ECC DIMMs only
⎯
Supports 1-Gb, 512-Mb DDR2 technologies for x8
and x16 devices
⎯
4 GB maximum memory
• Direct Media Interface (DMI)
⎯
Chip-to-chip connection interface to Intel ICH7
⎯
2 GB/s point-to-point DMI to ICH9 (1 GB/s each
direction)
⎯
100 MHz reference clock (shared with PCI Express
graphics attach)
⎯
32-bit downstream addressing
⎯
Messaging and Error Handling
• PCI Express* Interface
⎯
One x16 PCI Express port
⎯
Compatible with the PCI Express Base
Specification, Revision 1.1
⎯
Raw bit rate on data pins of 2.5 Gb/s resulting in
a real bandwidth per pair of 250 MB/s
• Integrated Graphics Device
⎯
Core frequency of 400 MHz
⎯
1.6 GP/s pixel rate
⎯
High-Quality 3D Setup and Render
Engine
⎯
High-Quality Texture Engine
⎯
3D Graphics Rendering Enhancements
⎯
2D Graphics
⎯
Video Overlay
⎯
Multiple Overlay Functionality
• Analog Display
⎯
350 MHz Integrated 24-bit RAMDAC
⎯
Up to 2048x1536 @ 75 Hz refresh
⎯
Hardware Color Cursor Support
⎯
DDC2B Compliant Interface
• Digital Display
⎯
SDVO ports in single mode supported
⎯
225 MHz dot clock on each 12-bit
interface
⎯
Flat panels up to 2048x1536 @ 60 Hz or
digital CRT/HDTV at 1400x1050 @ 85Hz
⎯
Dual independent display options with
digital display
⎯
Multiplexed digital display channels
(supported with ADD2 Card).
⎯
Supports TMDS transmitters or TV-Out
encoders
⎯
ADD2/MEC card uses PCI Express
graphics x16 connector
⎯
Two channels multiplexed with PCI
Express* Graphics port
⎯
Supports Hot-Plug and Display
• Thermal Sensor
⎯
Catastrophic Trip Point support
⎯
Hot Trip Point support for SMI generation
• Power Management
⎯
PC99 suspend to DRAM support (“STR”,
mapped to ACPI state S3)
⎯
ACPI Revision 2.0 compatible power
management
⎯
Supports processor states: C0, C1, C2
⎯
Supports System states: S0, S1, S3, and
S5
⎯
Supports processor Thermal Management
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com