Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 83 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 83 Page - Intel Corporation

Back Button G35 Datasheet HTML 79Page - Intel Corporation G35 Datasheet HTML 80Page - Intel Corporation G35 Datasheet HTML 81Page - Intel Corporation G35 Datasheet HTML 82Page - Intel Corporation G35 Datasheet HTML 83Page - Intel Corporation G35 Datasheet HTML 84Page - Intel Corporation G35 Datasheet HTML 85Page - Intel Corporation G35 Datasheet HTML 86Page - Intel Corporation G35 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 351 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
83
Bit
Access &
Default
Description
6
RO
0b
Reserved
5
RO
0b
66 MHz Capable: Does not apply to PCI Express. Hardwired to 0.
4
RO
1b
Capability List (CLIST): This bit is hardwired to 1 to indicate to the
configuration software that this device/function implements a list of
new capabilities. A list of new capabilities is accessed via register
CAPPTR at configuration address offset 34h. Register CAPPTR contains
an offset pointing to the start address within configuration space of
this device where the Capability Identification register resides.
3:0
RO
0h
Reserved
5.1.5
RID—Revision Identification
B/D/F/Type:
0/0/0/PCI
Address Offset:
8h
Default Value:
00h
Access:
RO
Size:
8 bits
This register contains the revision number of the GMCH Device 0. These bits are read
only and writes to this register have no effect.
Bit
Access &
Default
Description
7:0
RO
00h
Revision Identification Number (RID): This is an 8-bit value that
indicates the revision identification number for the GMCH Device 0.
Refer to the Intel® G35 Express Chipset Specification Update for the
value of the Revision ID register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com