Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 76 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 76 Page - Intel Corporation

Back Button G35 Datasheet HTML 72Page - Intel Corporation G35 Datasheet HTML 73Page - Intel Corporation G35 Datasheet HTML 74Page - Intel Corporation G35 Datasheet HTML 75Page - Intel Corporation G35 Datasheet HTML 76Page - Intel Corporation G35 Datasheet HTML 77Page - Intel Corporation G35 Datasheet HTML 78Page - Intel Corporation G35 Datasheet HTML 79Page - Intel Corporation G35 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 351 page
background image
GMCH Register Description
76
Datasheet
4.5.2
CONFIG_DATA—Configuration Data Register
I/O Address:
0CFCh
Default Value:
00000000h
Access:
R/W
Size:
32 bits
CONFIG_DATA is a 32-bit read/write window into configuration space. The portion of
configuration space that is referenced by CONFIG_DATA is determined by the contents
of CONFIG_ADDRESS.
Bit
Access &
Default
Description
31:0
R/W
00000000h
Configuration Data Window (CDW): If bit 31 of
CONFIG_ADDRESS is 1, any I/O access to the CONFIG_DATA register
will produce a configuration transaction using the contents of
CONFIG_ADDRESS to determine the bus, device, function, and offset
of the register to be accessed.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com