Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 48 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 48 Page - Intel Corporation

Back Button G35 Datasheet HTML 44Page - Intel Corporation G35 Datasheet HTML 45Page - Intel Corporation G35 Datasheet HTML 46Page - Intel Corporation G35 Datasheet HTML 47Page - Intel Corporation G35 Datasheet HTML 48Page - Intel Corporation G35 Datasheet HTML 49Page - Intel Corporation G35 Datasheet HTML 50Page - Intel Corporation G35 Datasheet HTML 51Page - Intel Corporation G35 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 351 page
background image
System Address Map
48
Datasheet
3.1.1
DOS Range (0h – 9_FFFFh)
The DOS area is 640 KB (0000_0000h – 0009_FFFFh) in size and is always mapped to
the main memory controlled by the GMCH.
3.1.2
Legacy Video Area (A_0000h–B_FFFFh)
The legacy 128 KB VGA memory range, frame buffer, (000A_0000h – 000B_FFFFh)
can be mapped to IGD (Device 2), to PCI Express (Device 1), and/or to the DMI
Interface. The appropriate mapping depends on which devices are enabled and the
programming of the VGA steering bits. Based on the VGA steering bits, priority for
VGA mapping is constant. The GMCH always decodes internally mapped devices first.
Internal to the GMCH, decode precedence is always given to IGD. The GMCH always
positively decodes internally mapped devices, namely the IGD and PCI-Express.
Subsequent decoding of regions mapped to PCI Express or the DMI Interface depends
on the Legacy VGA configuration bits (VGA Enable and MDAP). This region is also the
default for SMM space.
Compatible SMRAM Address Range (A_0000h–B_FFFFh)
When compatible SMM space is enabled, SMM-mode processor accesses to this range
are routed to physical system DRAM at 000A 0000h – 000B FFFFh. Non-SMM-mode
processor accesses to this range are considered to be to the Video Buffer Area as
described above. PCI Express and DMI originated cycles to enabled SMM space are not
allowed and are considered to be to the Video Buffer Area if IGD is not enabled as the
VGA device. PCI Express and DMI initiated cycles are attempted as Peer cycles, and
will master abort on PCI if no external VGA device claims them.
Monochrome Adapter (MDA) Range (B_0000h–B_7FFFh)
Legacy support requires the ability to have a second graphics controller
(monochrome) in the system. Accesses in the standard VGA range are forwarded to
IGD, PCI-Express, or the DMI Interface (depending on configuration bits). Since the
monochrome adapter may be mapped to anyone of these devices, the GMCH must
decode cycles in the MDA range (000B_0000h - 000B_7FFFh) and forward either to
IGD, PCI-Express, or the DMI Interface. This capability is controlled by a VGA steering
bits and the legacy configuration bit (MDAP bit). In addition to the memory range
B0000h to B7FFFh, the GMCH decodes IO cycles at 3B4h, 3B5h, 3B8h, 3B9h, 3BAh
and 3BFh and forwards them to the either IGD, PCI-Express, and/or the DMI
Interface.
3.1.3
Expansion Area (C_0000h–D_FFFFh)
This 128 KB ISA Expansion region (000C_0000h – 000D_FFFFh) is divided into eight
16 KB segments. Each segment can be assigned one of four Read/Write states: read-
only, write-only, read/write, or disabled. Typically, these blocks are mapped through
GMCH and are subtractive decoded to ISA space. Memory that is disabled is not
remapped.
Non-snooped accesses from PCI Express or DMI to this region are always sent to
DRAM. This complies with a Colusa DCN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com