Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 46 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 46 Page - Intel Corporation

Back Button G35 Datasheet HTML 42Page - Intel Corporation G35 Datasheet HTML 43Page - Intel Corporation G35 Datasheet HTML 44Page - Intel Corporation G35 Datasheet HTML 45Page - Intel Corporation G35 Datasheet HTML 46Page - Intel Corporation G35 Datasheet HTML 47Page - Intel Corporation G35 Datasheet HTML 48Page - Intel Corporation G35 Datasheet HTML 49Page - Intel Corporation G35 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 351 page
background image
System Address Map
46
Datasheet
Figure 3-1 represents system memory address map in a simplified form.
Figure 3-1. System Address Ranges
PCI Memory
Address
Range
(subtractively
decoded to
DMI
Device
1
Bars
Device
0
Bars
Independently Programmable
Non-Overlapping Windows
Main Memory
Reclaim
Address
Range
Reclaim Limit =
Reclaim Base +X
(64 MB Aligned)
TOUUD Base
Reclaim Base
(64 MB Aligned)
Main Memory
Address
Range
Device
3
Device
2
Device
1
Bars
Device 0
GGC (GFX
Stolen
Mem)
Device
0
Bars
TOLUD
Base
(64 MB
Aligned)
PCI Memory
Address
Range
(subtractively
decoded to
DMI)
Independently Programmable
Non-Overlapping Windows
TSEG
Main Memory
Address
Range
Legacy
Address
Range
0
1 MB
64 GB
TOM
64 MB Aligned
EP-UMA
(1 – 64 MB)
0 – 63 MB
Unusable
EP Stolen Base
64 MB Aligned
1 MB Aligned
OS Visible
> 4 GB
4 GB
X
OS Invisible
Reclaim
GFX Stolen
(1 – 64 MB)
TSEG
(0 – 8 MB)
OS Visible
< 4 GB
64 MB Aligned for
Reclaim
1 MB Aligned
1 MB Aligned
Memap_Sys_Addr_Ranges
Host/System
View
Physical Memory
(DRAM Controller
View)
Device
3
M HBA
3.1
Legacy Address Range
This area is divided into the following address regions:
• 0 - 640 KB – DOS Area
• 640 - 768 KB – Legacy Video Buffer Area
• 768 - 896 KB in 16KB sections (total of 8 sections) – Expansion Area
• 896 - 960 KB in 16KB sections (total of 4 sections) – Extended System BIOS Area
• 960 KB - 1 MB Memory – System BIOS Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com