Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 51 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 51 Page - Intel Corporation

Back Button G35 Datasheet HTML 47Page - Intel Corporation G35 Datasheet HTML 48Page - Intel Corporation G35 Datasheet HTML 49Page - Intel Corporation G35 Datasheet HTML 50Page - Intel Corporation G35 Datasheet HTML 51Page - Intel Corporation G35 Datasheet HTML 52Page - Intel Corporation G35 Datasheet HTML 53Page - Intel Corporation G35 Datasheet HTML 54Page - Intel Corporation G35 Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 351 page
background image
System Address Map
Datasheet
51
Figure 3-3. Main Memory Address Range
Main Memory
ISA Hole (optional)
DOS Compatibility Memory
0h
FLASH
FFFF_FFFFh
00F0_0000h
15MB
16MB
0100_0000h
0MB
TOLUD
APIC
Main Memory
0010_0000h
1MB
IGD (1-64MB, optional)
TSEG (1MB/2MB/8MB, optional)
LT
PCI Memory Range
4GB Max
Contains:
Dev 0, 1, 2, 3, 7
BARS
& ICH/PCI ranges
3.2.1
ISA Hole (15MB-16MB)
A hole can be created at 15 MB–16 MB as controlled by the fixed hole enable in Device
0 space. Accesses within this hole are forwarded to the DMI Interface. The range of
physical DRAM memory disabled by opening the hole is not remapped to the top of the
memory – that physical DRAM space is not accessible. This 15 MB – 16 MB hole is an
optionally enabled ISA hole.
Video accelerators originally used this hole. It is also used by validation and customer
SV teams for some of their test cards. That is why it is being supported. There is no
inherent BIOS request for the 15 MB – 16 MB window.
3.2.2
TSEG
TSEG is optionally 1 MB, 2 MB, or 8 MB in size. TSEG is below IGD stolen memory,
which is at the top of Low Usable physical memory (TOLUD). SMM-mode processor
accesses to enabled TSEG access the physical DRAM at the same address. Non-
processor originated accesses are not allowed to SMM space. PCI-Express, DMI, and
Internal Graphics originated cycle to enabled SMM space are handled as invalid cycle
type with reads and writes to location 0 and byte enables turned off for writes. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com