Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 53 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 53 Page - Intel Corporation

Back Button G35 Datasheet HTML 49Page - Intel Corporation G35 Datasheet HTML 50Page - Intel Corporation G35 Datasheet HTML 51Page - Intel Corporation G35 Datasheet HTML 52Page - Intel Corporation G35 Datasheet HTML 53Page - Intel Corporation G35 Datasheet HTML 54Page - Intel Corporation G35 Datasheet HTML 55Page - Intel Corporation G35 Datasheet HTML 56Page - Intel Corporation G35 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 351 page
background image
System Address Map
Datasheet
53
Figure 3-4. PCI Memory Address Range
DMI Interface
(subtractive decode)
FEF0_0000h
4 GB – 2 MB
FSB Interrupts
FEE0_0000h
PCI Express Configuration
Space
E000_0000h
High BIOS
FFE0_0000h
FFFF_FFFFh
4 GB
4 GB – 17 MB
DMI Interface
(subtractive decode)
FED0_0000h
4 GB – 18 MB
Local (CPU) APIC
FEC8_0000h
4 GB – 19 MB
I/O APIC
FEC0_0000h
4 GB – 20 MB
DMI Interface
(subtractive decode)
F000_0000h
4 GB – 256 MB
Possible address
range/size (not
ensured)
4 GB – 512 MB
DMI Interface
(subtractive decode)
TOLUD
Optional HSEG
FEDA_0000h to
FEDB_FFFFh
BARs, Internal
Graphics
ranges, PCI
Express Port, .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com