Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 25 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 25 Page - Intel Corporation

Back Button G35 Datasheet HTML 21Page - Intel Corporation G35 Datasheet HTML 22Page - Intel Corporation G35 Datasheet HTML 23Page - Intel Corporation G35 Datasheet HTML 24Page - Intel Corporation G35 Datasheet HTML 25Page - Intel Corporation G35 Datasheet HTML 26Page - Intel Corporation G35 Datasheet HTML 27Page - Intel Corporation G35 Datasheet HTML 28Page - Intel Corporation G35 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 351 page
background image
Introduction
Datasheet
25
1.3.3
Direct Media Interface (DMI)
Direct Media Interface (DMI) is the chip-to-chip connection between the GMCH and
ICH8. This high-speed interface integrates advanced priority-based servicing allowing
for concurrent traffic and true isochronous transfer capabilities. Base functionality is
completely software transparent permitting current and legacy software to operate
normally.
To provide for true isochronous transfers and configurable Quality of Service (QoS)
transactions, the ICH8 supports two virtual channels on DMI: VC0 and VC1. These two
channels provide a fixed arbitration scheme where VC1 is always the highest priority.
VC0 is the default conduit of traffic for DMI and is always enabled. VC1 must be
specifically enabled and configured at both ends of the DMI link (i.e., the ICH8 and
GMCH).
•
A chip-to-chip connection interface to Intel ICH8
•
2 GB/s point-to-point DMI to ICH8 (1 GB/s each direction)
•
100 MHz reference clock (shared with PCI Express* Graphics Attach)
•
32-bit downstream addressing
•
APIC and MSI interrupt messaging support. Will send Intel-defined “End Of
Interrupt” broadcast message when initiated by the processor.
•
Message Signaled Interrupt (MSI) messages
•
SMI, SCI and SERR error indication
•
Legacy support for ISA regime protocol (PHOLD/PHOLDA) required for parallel port
DMA, floppy drive, and LPC bus masters
1.3.4
PCI Express* Interface
The GMCH contains one 16-lane (x16) PCI Express port intended for an external PCI
Express graphics card. The PCI Express port is compliant to the PCI Express* Base
Specification revision 1.1. The x16 port operates at a frequency of 2.5 Gb/s on each
lane while employing 8b/10b encoding, and supports a maximum theoretical
bandwidth of 40 Gb/s in each direction.
•
One, 16-lane PCI Express port intended for Graphics Attach, compatible to the PCI
Express* Base Specification revision 1.1.
•
PCI Express frequency of 1.25GHz resulting in 2.5 Gb/s each direction
•
Raw bit-rate on the data pins of 2.5 Gb/s, resulting in a real bandwidth per pair of
250 MB/s given the 8b/10b encoding used to transmit data across this interface
•
Maximum theoretical realized bandwidth on the interface of 4 GB/s in each
direction simultaneously, for an aggregate of 8 GB/s when x16.
•
PCI Express* Graphics Extended Configuration Space. The first 256 bytes of
configuration space alias directly to the PCI Compatibility configuration space. The
remaining portion of the fixed 4-KB block of memory-mapped space above that
(starting at 100h) is known as extended configuration space.
•
PCI Express Enhanced Addressing Mechanism. Accessing the device configuration
space in a flat memory mapped fashion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com