Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 37 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 37 Page - Intel Corporation

Back Button G35 Datasheet HTML 33Page - Intel Corporation G35 Datasheet HTML 34Page - Intel Corporation G35 Datasheet HTML 35Page - Intel Corporation G35 Datasheet HTML 36Page - Intel Corporation G35 Datasheet HTML 37Page - Intel Corporation G35 Datasheet HTML 38Page - Intel Corporation G35 Datasheet HTML 39Page - Intel Corporation G35 Datasheet HTML 40Page - Intel Corporation G35 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 351 page
background image
Signal Description
Datasheet
37
Signal Name
Type
Description
GREEN
O
A
GREEN Analog Video Output: This signal is a CRT Analog
video output from the internal color palette DAC. The DAC is
designed for a 37.5 ohm routing impedance, but the terminating
resistor to ground will be 75 ohms (e.g., 75 ohm resistor on the
board, in parallel with a 75 ohm CRT load).
GREEN#
O
A
GREEN# Analog Output: This signal is an analog video output
from the internal color palette DAC. It should be shorted to the
ground plane.
BLUE
O
A
BLUE Analog Video Output: This signal is a CRT Analog video
output from the internal color palette DAC. The DAC is designed
for a 37.5 ohm routing impedance, but the terminating resistor
to ground will be 75 ohms (e.g., 75 ohm resistor on the board,
in parallel with a 75 ohm CRT load).
BLUE#
O
A
BLUE# Analog Output: This signal is an analog video output
from the internal color palette DAC. It should be shorted to the
ground plane.
REFSET
O
A
Resistor Set: Set point resistor for the internal color palette
DAC. A 255 ohm 1% resistor is required between REFSET and
motherboard ground.
HSYNC
O
3.3V
CMOS
CRT Horizontal Synchronization: This signal is used as the
horizontal sync (polarity is programmable) or “sync interval”, 3.3
V output
VSYNC
O
3.3V
CMOS
CRT Vertical Synchronization: This signal is used as the
vertical sync (polarity is programmable) 3.3V output.
DDC_CLK
I/O
3.3V
CMOS
Monitor Control Clock
DDC_DATA
I/O
3.3V
CMOS
Monitor Control Data
2.7
Clocks, Reset, and Miscellaneous
Signal Name
Type
Description
HCLKP
HCLKN
I
HCSL
Differential Host Clock In: These pins receive a differential
host clock from the external clock synthesizer. This clock is
used by all of the GMCH logic that is in the Host clock domain.
Memory domain clocks are also derived from this source.
GCLKP
GCLKN
I
HCSL
Differential PCI Express* Graphics Clock In: These pins
receive a differential 100 MHz Serial Reference clock from the
external clock synthesizer. This clock is used to generate the
clocks necessary for the support of PCI Express.
DREFCLKN
DREFCLKP
I
HCSL
Display PLL Differential Clock In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com