Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 63 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 63 Page - Intel Corporation

Back Button G35 Datasheet HTML 59Page - Intel Corporation G35 Datasheet HTML 60Page - Intel Corporation G35 Datasheet HTML 61Page - Intel Corporation G35 Datasheet HTML 62Page - Intel Corporation G35 Datasheet HTML 63Page - Intel Corporation G35 Datasheet HTML 64Page - Intel Corporation G35 Datasheet HTML 65Page - Intel Corporation G35 Datasheet HTML 66Page - Intel Corporation G35 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 351 page
background image
System Address Map
Datasheet
63
3.10.1
PCI Express* I/O Address Mapping
The GMCH can be programmed to direct non-memory (I/O) accesses to the PCI
Express bus interface when processor initiated I/O cycle addresses are within the PCI
Express I/O address range. This range is controlled via the I/O Base Address
(IOBASE) and I/O Limit Address (IOLIMIT) registers in GMCH Device 1 configuration
space.
Address decoding for this range is based on the following concept. The top 4 bits of
the respective I/O Base and I/O Limit registers correspond to address bits A[15:12] of
an I/O address. For the purpose of address decoding, the GMCH assumes that lower
12 address bits A[11:0] of the I/O base are zero and that address bits A[11:0] of the
I/O limit address are FFFh. This forces the I/O address range alignment to 4 KB
boundary and produces a size granularity of 4 KB.
The GMCH positively decodes I/O accesses to PCI Express I/O address space as
defined by the following equation:
I/O_Base_Address ≤ Processor I/O Cycle Address ≤ I/O_Limit_Address
The effective size of the range is programmed by the plug-and-play configuration
software and it depends on the size of I/O space claimed by the PCI Express device.
The GMCH also forwards accesses to the Legacy VGA I/O ranges according to the
settings in the Device 1 configuration registers BCTRL (VGA Enable) and PCICMD1
(IOAE1), unless a second adapter (monochrome) is present on the DMI Interface/PCI
(or ISA). The presence of a second graphics adapter is determined by the MDAP
configuration bit. When MDAP is set, the GMCH will decode legacy monochrome I/O
ranges and forward them to the DMI Interface. The I/O ranges decoded for the
monochrome adapter are 3B4h, 3B5h, 3B8h, 3B9h, 3BAh, and 3BFh.
Note that the GMCH Device 1 I/O address range registers defined above are used for
all I/O space allocation for any devices requiring such a window on PCI-Express.
The PCICMD1 register can disable the routing of I/O cycles to PCI-Express.
3.11
MCH Decode Rules and Cross-Bridge Address
Mapping
VGAA = 000A_0000h – 000A_FFFFh
MDA = 000B_0000h – 000B_7FFFh
VGAB = 000B_8000h – 000B_FFFFh
MAINMEM = 0100_0000h to TOLUD
HIGHMEM = 4 GB to TOM
RECLAIMMEM = RECLAIMBASE to RECLAIMLIMIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com