Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 91 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 91 Page - Intel Corporation

Back Button G35 Datasheet HTML 87Page - Intel Corporation G35 Datasheet HTML 88Page - Intel Corporation G35 Datasheet HTML 89Page - Intel Corporation G35 Datasheet HTML 90Page - Intel Corporation G35 Datasheet HTML 91Page - Intel Corporation G35 Datasheet HTML 92Page - Intel Corporation G35 Datasheet HTML 93Page - Intel Corporation G35 Datasheet HTML 94Page - Intel Corporation G35 Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 351 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
91
Bit
Access &
Default
Description
35:28
RW/L
0Eh
PCI Express Base Address (PCIEXBAR): This field corresponds to
bits 35:28 of the base address for PCI Express enhanced configuration
space. BIOS will program this register resulting in a base address for
a contiguous memory address space; size is defined by bits 2:1 of this
register.
This Base address shall be assigned on a boundary consistent with the
number of buses (defined by the Length field in this register) above
TOLUD and still within 64-bit addressable memory space. The address
bits decoded depend on the length of the region defined by this
register.
The address used to access the PCI Express configuration space for a
specific device can be determined as follows:
PCI Express Base Address + Bus Number * 1 MB + Device Number *
32 KB + Function Number * 4 KB
The address used to access the PCI Express configuration space for
Device 1 in this component would be PCI Express Base Address + 0 *
1 MB + 1 * 32 KB + 0 * 4 KB = PCI Express Base Address + 32 KB.
Remember that this address is the beginning of the 4 KB space that
contains both the PCI compatible configuration space and the PCI
Express extended configuration space.
27
RW/L
0b
128 MB Base Address Mask (128ADMSK): This bit is either part of
the PCI Express Base Address (R/W) or part of the Address Mask (RO,
read 0b), depending on the value of bits 2:1 in this register.
26
RW/L
0b
64 MB Base Address Mask (64ADMSK): This bit is either part of
the PCI Express Base Address (R/W) or part of the Address Mask (RO,
read 0b), depending on the value of bits 2:1 in this register.
25:3
RO
000000h
Reserved
2:1
RW/K
00b
Length (LENGTH): This Field describes the length of this region.
Enhanced Configuration Space Region/Buses Decoded
00 = 256 MB (buses 0–255). Bits 31:28 are decoded in the PCI
Express Base Address Field
01 = 128 MB (Buses 0–127). Bits 31:27 are decoded in the PCI
Express Base Address Field.
10 = 64 MB (Buses 0–63). Bits 31:26 are decoded in the PCI Express
Base Address Field.
11 = Reserved
0
RW
0b
PCIEXBAR Enable (PCIEXBAREN):
0 = The PCIEXBAR register is disabled. Memory read and write
transactions proceed as if there were no PCIEXBAR register.
PCIEXBAR bits 35:26 are R/W with no functionality behind
them.
1 = The PCIEXBAR register is enabled. Memory read and write
transactions whose address bits 31:26 match PCIEXBAR will
be translated to configuration reads and writes within the
GMCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com