Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 38 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 38 Page - Intel Corporation

Back Button G35 Datasheet HTML 34Page - Intel Corporation G35 Datasheet HTML 35Page - Intel Corporation G35 Datasheet HTML 36Page - Intel Corporation G35 Datasheet HTML 37Page - Intel Corporation G35 Datasheet HTML 38Page - Intel Corporation G35 Datasheet HTML 39Page - Intel Corporation G35 Datasheet HTML 40Page - Intel Corporation G35 Datasheet HTML 41Page - Intel Corporation G35 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 351 page
background image
Signal Description
38
Datasheet
Signal Name
Type
Description
RSTIN#
I
HVIN
Reset In: When asserted, this signal will asynchronously reset
the GMCH logic. This signal is connected to the PCIRST#
output of the Intel® ICH8. All PCI Express Graphics Attach
output signals will also tri-state compliant to PCI Express*
Specification Rev 1.1.
This input should have a Schmitt trigger to avoid spurious
resets.
This signal is required to be 3.3V tolerant.
PWROK
I
HVIN
Power OK: When asserted, PWROK is an indication to the
GMCH that core power has been stable for at least 10us.
EXP_EN
I
CMOS
PCI Express* SDVO Concurrent Select
0 = Only SDVO or PCI Express Operational
1 = SDVO and PCI Express operating simultaneously via PCI
Express* Graphics port
EXP_SLR
I
CMOS
PCI Express* Static Lane Reversal/Form Factor
Selection: GMCH’s PCI Express lane numbers are reversed to
differentiate BTX or ATX form factors.
0 = GMCH’s PCI Express lane numbers are reversed (BTX
Platforms)
1 = Normal operation (ATX Platforms)
ICH_SYNC#
O
HVCMO
S
ICH Sync: See Design Guide for Implementation.
TEST[2:0]
I/O
In Circuit Test: These pins should be connected to test points
on the mother board. They are internally shorted to the
package ground and can be used to determine if the corner
balls on the GMCH are correctly soldered down to the
motherboard. These pins should NOT connect to ground on the
motherboard. If TEST[2:0] are not going to be used they
should be left as no connects
2.8
Direct Media Interface (DMI)
Signal Name
Type
Description
DMI_RXP[3:0]
DMI_RXN[3:0]
I
DMI
Direct Media Interface: Receive differential pair (Rx)
DMI_TXP[3:0]
DMI_TXN[3:0]
O
DMI
Direct Media Interface: Transmit differential pair (Tx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com