Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 24 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 24 Page - Intel Corporation

Back Button G35 Datasheet HTML 20Page - Intel Corporation G35 Datasheet HTML 21Page - Intel Corporation G35 Datasheet HTML 22Page - Intel Corporation G35 Datasheet HTML 23Page - Intel Corporation G35 Datasheet HTML 24Page - Intel Corporation G35 Datasheet HTML 25Page - Intel Corporation G35 Datasheet HTML 26Page - Intel Corporation G35 Datasheet HTML 27Page - Intel Corporation G35 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 351 page
background image
Introduction
24
Datasheet
1.3.2
System Memory Interface
The GMCH integrates a system memory DDR2 controller with two, 64-bit wide
interfaces. Only Double Data Rate (DDR2) memory is supported; consequently, the
buffers support only SSTL_1.8 V signal interfaces. The memory controller interface is
fully configurable through a set of control registers.
System Memory Interface Details
•
The GMCH System Memory Controller directly supports one or two channels of
memory (each channel consisting of 64 data lines)
⎯
The memory channels are asymmetric: "Flex Memory" channels are assigned
addresses serially. Channel B addresses are assigned after all Channel A
addresses
⎯
The memory channels are interleaved: Addresses are ping-ponged between
the channels after each cache line (64-B boundary)
•
Supports DDR2 memory DIMM frequencies of 533, 667 and 800 MHz. The speed
used in all channels is the speed of the slowest DIMM in the system
•
I/O Voltage of 1.8 V for DDR2
•
Supports only unbuffered DIMMs
•
Supports maximum memory bandwidth of 6.4 GB/s in single-channel or dual-
channel asymmetric mode, or 12.8 GB/s in dual-channel interleaved mode
assuming DDR2 800MHz
•
Supports 256-Mb, 512-Mb, and 1-Gb technologies for x8 and x16 devices
•
Supports four banks for all DDR2 devices up to 512-Mbit density. Supports eight
banks for 1-Gbit DDR2 devices
•
Using 256 Mb technologies, the smallest memory capacity possible is 128 MB,
assuming Single-Channel Mode. (8 K rows * 512 columns * 1 cell/(row * column)
* 16 b/cell * 4 banks/devices * 4 devices/DIMM-side * 1 DIMM-side/channel * 1
channel * 1 B/8 b * 1 M/1024 K = 128 MB)
•
By using 1 Gb technology in Dual Channel Interleaved Mode, the largest memory
capacity possible is 8 GB. (16 K rows * 1 K columns * 1 cell/(row * column) * 8
b/cell * 8 banks/device * 8 devices/DIMM-side * 4 DIMM-sides/channel * 2
channels * 1 B/8 b * 1 G/1024 M * 1 M/(K*K) = 8 GB)
•
Maximum DRAM address decode space is 8 GB (assuming 36-bit addressing)
•
Supports up to 32 simultaneous open pages per channel (assuming 4 ranks of 8
bank devices)
•
Supports opportunistic refresh scheme
•
Supports Partial Writes to memory using Data Mask (DM) signals
•
Supports page sizes of 4 KB, 8 KB, and 16 KB
•
Supports a burst length of 8 for single-channel and dual-channel interleaved and
asymmetric operating modes
•
Improved flexible memory architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com