Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 34 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 34 Page - Intel Corporation

Back Button G35 Datasheet HTML 30Page - Intel Corporation G35 Datasheet HTML 31Page - Intel Corporation G35 Datasheet HTML 32Page - Intel Corporation G35 Datasheet HTML 33Page - Intel Corporation G35 Datasheet HTML 34Page - Intel Corporation G35 Datasheet HTML 35Page - Intel Corporation G35 Datasheet HTML 36Page - Intel Corporation G35 Datasheet HTML 37Page - Intel Corporation G35 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 351 page
background image
Signal Description
34
Datasheet
2.2
DDR2 DRAM Channel A Interface
Signal Name
Type
Description
SCLK_A[5:0]
O
SSTL-1.8
SDRAM Differential Clock: (3 per DIMM), SCLK_A and its
complement, SCLK_A# make a differential clock pair output.
The crossing of the positive edge of SCLK_A and the
negative edge of its complement SCLK_A# are used to
sample the command and control signals on the SDRAM.
SCLK_A[5:0]#
O
SSTL-1.8
SDRAM Complementary Differential Clock: (3 per
DIMM) These are the complementary differential DDR2
Clock signals.
SCS_A[3:0]#
O
SSTL-1.8
Chip Select: (1 per Rank) These signals select particular
SDRAM components during the active state. There is one
Chip Select for each SDRAM rank.
SMA_A[14:0]
O
SSTL-1.8
Memory Address: These signals are used to provide the
multiplexed row and column address to the SDRAM.
SBS_A[2:0]
O
SSTL-1.8
Bank Select: These signals define which banks are selected
within each SDRAM rank.
DDR2: 1-Gb technology uses 8 banks.
SRAS_A#
O
SSTL-1.8
Row Address Strobe: Used with SCAS_A# and SWE_A#
(along with SCS_A#) to define the SDRAM commands.
SCAS_A#
O
SSTL-1.8
Column Address Strobe: Used with SRAS_A# and
SWE_A# (along with SCS_A#) to define the SDRAM
commands.
SWE_A#
O
SSTL-1.8
Write Enable: Used with SCAS_A# and SRAS_A# (along
with SCS_A#) to define the SDRAM commands.
SDQ_A[63:0]
I/O
SSTL-1.8
Data Lines: SDQ_A signals interface to the SDRAM data
bus.
SDM_A[7:0]
O
SSTL-1.8
Data Mask: When activated during writes, the
corresponding data groups in the SDRAM are masked. There
is one SDM_A bit for every data byte lane.
SDQS_A[7:0]
I/O
SSTL-1.8
Data Strobes: For DDR2, SDQS_A, and its complement
SDQS_A# make up a differential strobe pair. The data is
captured at the crossing point of SDQS_A and its
complement SDQS_A# during read and write transactions.
SDQS_A[7:0]#
I/O
SSTL-1.8
Data Strobe Complements: These are the complementary
DDR2 strobe signals.
SCKE_A[3:0]
O
SSTL-1.8
Clock Enable: (1 per Rank) SCKE_A is used to initialize the
SDRAMs during power-up, to power-down SDRAM ranks,
and to place all SDRAM ranks into and out of self-refresh
during Suspend-to-RAM.
SODT_A[3:0]
O
SSTL-1.8
On Die Termination: Active On-die Termination Control
signals for DDR2 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com