Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 90 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 90 Page - Intel Corporation

Back Button G35 Datasheet HTML 86Page - Intel Corporation G35 Datasheet HTML 87Page - Intel Corporation G35 Datasheet HTML 88Page - Intel Corporation G35 Datasheet HTML 89Page - Intel Corporation G35 Datasheet HTML 90Page - Intel Corporation G35 Datasheet HTML 91Page - Intel Corporation G35 Datasheet HTML 92Page - Intel Corporation G35 Datasheet HTML 93Page - Intel Corporation G35 Datasheet HTML 94Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 351 page
background image
DRAM Controller Registers (D0:F0)
90
Datasheet
Bit
Access &
Default
Description
2
RO
0b
Reserved
1
RW/L
1b
PCI Express Port (D1EN):
0 = Bus 0, Device 1, Function 0 is disabled and hidden.
1 = Bus 0, Device 1, Function 0 is enabled and visible.
0
RO
1b
Host Bridge (D0EN): Bus 0, Device 0, Function 0 may not be
disabled and is therefore hardwired to 1.
5.1.16
PCIEXBAR—PCI Express* Register Range Base Address
B/D/F/Type:
0/0/0/PCI
Address Offset:
60–67h
Default Value:
00000000E0000000h
Access:
RO, RW/L, RW/L/K
Size:
64 bits
This is the base address for the PCI Express configuration space. This window of
addresses contains the 4 KB of configuration space for each PCI Express device that
can potentially be part of the PCI Express Hierarchy associated with the GMCH. There
is not actual physical memory within this window of up to 256 MB that can be
addressed. The actual length is determined by a field in this register. Each PCI Express
Hierarchy requires a PCI Express BASE register. The GMCH supports one PCI Express
hierarchy. The region reserved by this register does not alias to any PCI 2.3 compliant
memory mapped space. For example, MCHBAR reserves a 16 KB space and CHAPADR
reserves a 4 KB space both outside of PCIEXBAR space. They cannot be overlayed on
the space reserved by PCIEXBAR for devices 0.
On reset, this register is disabled and must be enabled by writing a 1 to the enable
field in this register. This base address shall be assigned on a boundary consistent
with the number of buses (defined by the Length field in this register), above TOLUD
and still within 64 bit addressable memory space. All other bits not decoded are read
only 0. The PCI Express Base Address cannot be less than the maximum address
written to the Top of physical memory register (TOLUD). Software must ensure that
these ranges do not overlap with known ranges located above TOLUD. Software must
ensure that the sum of Length of enhanced configuration region + TOLUD + (other
known ranges reserved above TOLUD) is not greater than the 36-bit addressable limit
of 64 GB. In general system implementation and number of PCI/PCI Express/PCI-X
buses supported in the hierarchy will dictate the length of the region.
Bit
Access &
Default
Description
63:36
RO
0000000h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com