Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 45 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 45 Page - Intel Corporation

Back Button G35 Datasheet HTML 41Page - Intel Corporation G35 Datasheet HTML 42Page - Intel Corporation G35 Datasheet HTML 43Page - Intel Corporation G35 Datasheet HTML 44Page - Intel Corporation G35 Datasheet HTML 45Page - Intel Corporation G35 Datasheet HTML 46Page - Intel Corporation G35 Datasheet HTML 47Page - Intel Corporation G35 Datasheet HTML 48Page - Intel Corporation G35 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 351 page
background image
System Address Map
Datasheet
45
•
Device 2, Function 0
⎯
MMADR – IGD registers and internal graphics instruction port. (512 KB
window)
⎯
IOBAR – IO access window for internal graphics. Though this window
address/data register pair, using I/O semantics, the IGD and internal graphics
instruction port registers can be accessed. Note, this allows accessing the same
registers as MMADR. In addition, the IOBAR can be used to issue writes to the
GTTADR table.
⎯
GMADR – Internal graphics translation window (128 MB, 256 MB or 512 MB
window).
⎯
GTTADR – Internal graphics translation table location. (128 KB, 256 KB or
512 KB window).
•
Device 2, Function 1
⎯
MMADR – Function 1 IGD registers and internal graphics instruction port.
(512 KB window)
•
Device 3, Function 0:
⎯
MEHECIBAR – Function 0 HECI memory mapped registers (16B window)
The rules for the above programmable ranges are:
1. ALL of these ranges MUST be unique and NON-OVERLAPPING. It is the BIOS or
system designer’s responsibility to limit memory population so that adequate PCI,
PCI Express , High BIOS, PCI Express Memory Mapped space, and APIC memory
space can be allocated.
2. In the case of overlapping ranges with memory, the memory decode will be given
priority.
3. There are NO Hardware Interlocks to prevent problems in the case of overlapping
ranges.
4. Accesses to overlapped ranges may produce indeterminate results.
5. The only peer-to-peer cycles allowed below the top of Low Usable memory
(register TOLUD) are DMI Interface to PCI Express VGA range writes. Note that
peer to peer cycles to the Internal Graphics VGA range are not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com