Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 30 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 30 Page - Intel Corporation

Back Button G35 Datasheet HTML 26Page - Intel Corporation G35 Datasheet HTML 27Page - Intel Corporation G35 Datasheet HTML 28Page - Intel Corporation G35 Datasheet HTML 29Page - Intel Corporation G35 Datasheet HTML 30Page - Intel Corporation G35 Datasheet HTML 31Page - Intel Corporation G35 Datasheet HTML 32Page - Intel Corporation G35 Datasheet HTML 33Page - Intel Corporation G35 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 351 page
background image
Signal Description
30
Datasheet
2
Signal Description
This section provides a detailed description of GMCH signals. The signals are arranged
in functional groups according to their associated interface.
The following notations are used to describe the signal type.
PCI
Express*
PCI-Express interface signals. These signals are compatible with PCI Express
1.1 Signaling Environment AC Specifications and are AC coupled. The buffers
are not 3.3 V tolerant. Differential voltage spec = (|D+ - D-|) * 2 = 1.2 Vmax.
Single-ended maximum = 1.25 V. Single-ended minimum = 0 V.
DMI
Direct Media Interface signals. These signals are compatible with PCI Express
1.0 Signaling Environment AC Specifications, but are DC coupled. The buffers
are not 3.3 V tolerant. Differential voltage spec = (|D+ - D-|) * 2 = 1.2 Vmax.
Single-ended maximum = 1.25 V. Single-ended minimum = 0 V.
CMOS
CMOS buffers. 1.5 V tolerant.
COD
CMOS Open Drain buffers. 3.3 V tolerant.
HCSL
Host Clock Signal Level buffers. Current mode differential pair. Differential
typical swing = (|D+ - D-|) * 2 = 1.4V. Single ended input tolerant from
-0.35 V to 1.2 V. Typical crossing voltage 0.35 V.
HVCMOS
High Voltage CMOS buffers. 3.3 V tolerant.
HVIN
High Voltage CMOS input-only buffers. 3.3 V tolerant.
SSTL-1.8
Stub Series Termination Logic. These are 1.8 V output capable buffers. 1.8 V
tolerant.
A
Analog reference or output. May be used as a threshold voltage or for buffer
compensation.
GTL+
Gunning Transceiver Logic signaling technology. Implements a voltage level as
defined by VTT of 1.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com