Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 85 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 85 Page - Intel Corporation

Back Button G35 Datasheet HTML 81Page - Intel Corporation G35 Datasheet HTML 82Page - Intel Corporation G35 Datasheet HTML 83Page - Intel Corporation G35 Datasheet HTML 84Page - Intel Corporation G35 Datasheet HTML 85Page - Intel Corporation G35 Datasheet HTML 86Page - Intel Corporation G35 Datasheet HTML 87Page - Intel Corporation G35 Datasheet HTML 88Page - Intel Corporation G35 Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 351 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
85
5.1.8
HDR—Header Type
B/D/F/Type:
0/0/0/PCI
Address Offset:
Eh
Default Value:
00h
Access:
RO
Size:
8 bits
This register identifies the header layout of the configuration space. No physical
register exists at this location.
Bit
Access &
Default
Description
7:0
RO
00h
PCI Header (HDR): This field always returns 0 to indicate that the
GMCH is a single function device with standard header layout. Reads
and writes to this location have no effect.
5.1.9
SVID—Subsystem Vendor Identification
B/D/F/Type:
0/0/0/PCI
Address Offset:
2C–2Dh
Default Value:
0000h
Access:
RWO
Size:
16 bits
This value is used to identify the vendor of the subsystem.
Bit
Access &
Default
Description
15:0
RWO
0000h
Subsystem Vendor ID (SUBVID): This field should be programmed
during boot-up to indicate the vendor of the system board. After it has
been written once, it becomes read only.
5.1.10
SID—Subsystem Identification
B/D/F/Type:
0/0/0/PCI
Address Offset:
2E–2Fh
Default Value:
0000h
Access:
RWO
Size:
16 bits
This value is used to identify a particular subsystem.
Bit
Access &
Default
Description
15:0
RWO
0000h
Subsystem ID (SUBID): This field should be programmed during
BIOS initialization. After it has been written once, it becomes read
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com