Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 4 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 4 Page - Intel Corporation

  G35 Datasheet HTML 1Page - Intel Corporation G35 Datasheet HTML 2Page - Intel Corporation G35 Datasheet HTML 3Page - Intel Corporation G35 Datasheet HTML 4Page - Intel Corporation G35 Datasheet HTML 5Page - Intel Corporation G35 Datasheet HTML 6Page - Intel Corporation G35 Datasheet HTML 7Page - Intel Corporation G35 Datasheet HTML 8Page - Intel Corporation G35 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 351 page
background image
4
Datasheet
3.3.4
High BIOS Area.......................................................................54
3.4
Main Memory Address Space (4 GB to TOUUD) .........................................55
3.4.1
Memory Re-claim Background ...................................................56
3.4.2
Memory Reclaiming .................................................................56
3.5
PCI Express* Configuration Address Space...............................................56
3.6
PCI Express* Graphics Attach (PEG)........................................................57
3.7
Graphics Memory Address Ranges...........................................................58
3.8
System Management Mode (SMM) ..........................................................58
3.8.1
SMM Space Definition ..............................................................59
3.8.2
SMM Space Restrictions............................................................59
3.8.3
SMM Space Combinations .........................................................60
3.8.4
SMM Control Combinations .......................................................60
3.8.5
SMM Space Decode and Transaction Handling..............................61
3.8.6
Processor WB Transaction to an Enabled SMM Address Space ........61
3.8.7
SMM Access Through GTT TLB...................................................61
3.9
Memory Shadowing ..............................................................................62
3.10
I/O Address Space................................................................................62
3.10.1
PCI Express* I/O Address Mapping ............................................63
3.11
MCH Decode Rules and Cross-Bridge Address Mapping...............................63
3.11.1
Legacy VGA and I/O Range Decode Rules ...................................64
4
GMCH Register Description ...............................................................................66
4.1
Register Terminology ............................................................................67
4.2
Configuration Process and Registers........................................................68
4.2.1
Platform Configuration Structure ...............................................68
4.3
Configuration Mechanisms .....................................................................69
4.3.1
Standard PCI Configuration Mechanism ......................................69
4.3.2
PCI Express* Enhanced Configuration Mechanism ........................70
4.4
Routing Configuration Accesses ..............................................................71
4.4.1
Internal Device Configuration Accesses.......................................72
4.4.2
Bridge Related Configuration Accesses........................................73
4.5
I/O Mapped Registers ...........................................................................74
4.5.1
CONFIG_ADDRESS—Configuration Address Register.....................74
4.5.2
CONFIG_DATA—Configuration Data Register ...............................76
5
DRAM Controller Registers (D0:F0)....................................................................78
5.1
DRAM Controller (D0:F0).......................................................................78
5.1.1
VID—Vendor Identification........................................................80
5.1.2
DID—Device Identification ........................................................80
5.1.3
PCICMD—PCI Command...........................................................81
5.1.4
PCISTS—PCI Status .................................................................82
5.1.5
RID—Revision Identification......................................................83
5.1.6
CC—Class Code.......................................................................84
5.1.7
MLT—Master Latency Timer ......................................................84
5.1.8
HDR—Header Type ..................................................................85
5.1.9
SVID—Subsystem Vendor Identification......................................85
5.1.10
SID—Subsystem Identification ..................................................85
5.1.11
CAPPTR—Capabilities Pointer ....................................................86
5.1.12
PXPEPBAR—PCI Express* Egress Port Base Address .....................86
5.1.13
MCHBAR—GMCH Memory Mapped Register Range Base ................87
5.1.14
GGC—GMCH Graphics Control ...................................................88
5.1.15
DEVEN—Device Enable.............................................................89
5.1.16
PCIEXBAR—PCI Express* Register Range Base Address ................90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com