Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 6 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 6 Page - Intel Corporation

Back Button G35 Datasheet HTML 2Page - Intel Corporation G35 Datasheet HTML 3Page - Intel Corporation G35 Datasheet HTML 4Page - Intel Corporation G35 Datasheet HTML 5Page - Intel Corporation G35 Datasheet HTML 6Page - Intel Corporation G35 Datasheet HTML 7Page - Intel Corporation G35 Datasheet HTML 8Page - Intel Corporation G35 Datasheet HTML 9Page - Intel Corporation G35 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 351 page
background image
6
Datasheet
5.2.32
EPC0DRB3— ME Channel 0 DRAM Rank Boundary Address 3........ 141
5.2.33
EPC0DRA01—ME Channel 0 DRAM Rank 0,1 Attribute ................. 142
5.2.34
EPC0DRA23—ME Channel 0 DRAM Rank 2,3 Attribute ................. 142
5.2.35
EPDCYCTRKWRTPRE—EPD CYCTRK WRT PRE............................. 143
5.2.36
EPDCYCTRKWRTACT—EPD CYCTRK WRT ACT ............................ 143
5.2.37
EPDCYCTRKWRTWR—EPD CYCTRK WRT WR .............................. 144
5.2.38
EPDCYCTRKWRTRD—EPD CYCTRK WRT READ............................ 144
5.2.39
EPDCKECONFIGREG—EPD CKE Related Configuration Register ..... 145
5.2.40
MEMEMSPACE—ME Memory Space Configuration ....................... 147
5.2.41
EPDREFCONFIG—EP DRAM Refresh Configuration....................... 148
5.2.42
TSC1—Thermal Sensor Control 1 ............................................. 150
5.2.43
TSC2—Thermal Sensor Control 2 ............................................. 151
5.2.44
TSS—Thermal Sensor Status................................................... 152
5.2.45
TSTTP—Thermal Sensor Temperature Trip Point......................... 152
5.2.46
TCO—Thermal Calibration Offset.............................................. 153
5.2.47
THERM1—Hardware Throttle Control ........................................ 154
5.2.48
TIS—Thermal Interrupt Status ................................................ 154
5.2.49
TSMICMD—Thermal SMI Command.......................................... 156
5.2.50
PMSTS—Power Management Status ......................................... 157
5.3
MPBAR.............................................................................................. 158
5.3.1
EPESD—EP Element Self Description ........................................ 158
5.3.2
EPLE1D—Controller Link Entry 1 Description.............................. 159
5.3.3
EPLE1A— Controller Link Entry 1 Address ................................. 159
5.3.4
EPLE2D— Controller Link Entry 2 Description............................. 160
5.3.5
EPLE2A—EP Link Entry 2 Address ............................................ 161
6
PCI Express* Registers (D1:F0) ...................................................................... 162
6.1
PCI Express* Configuration Register Details (D1:F0) ............................... 165
6.1.1
VID1—Vendor Identification .................................................... 165
6.1.2
DID1—Device Identification .................................................... 165
6.1.3
PCICMD1—PCI Command ....................................................... 166
6.1.4
PCISTS1—PCI Status ............................................................. 168
6.1.5
RID1—Revision Identification .................................................. 169
6.1.6
CC1—Class Code ................................................................... 169
6.1.7
CL1—Cache Line Size............................................................. 170
6.1.8
HDR1—Header Type .............................................................. 170
6.1.9
PBUSN1—Primary Bus Number................................................ 170
6.1.10
SBUSN1—Secondary Bus Number............................................ 171
6.1.11
SUBUSN1—Subordinate Bus Number........................................ 171
6.1.12
IOBASE1—I/O Base Address ................................................... 172
6.1.13
IOLIMIT1—I/O Limit Address................................................... 172
6.1.14
SSTS1—Secondary Status ...................................................... 173
6.1.15
MBASE1—Memory Base Address.............................................. 174
6.1.16
MLIMIT1—Memory Limit Address ............................................. 175
6.1.17
PMBASE1—Prefetchable Memory Base Address .......................... 176
6.1.18
PMLIMIT1—Prefetchable Memory Limit Address.......................... 177
6.1.19
PMBASEU1—Prefetchable Memory Base Address ........................ 178
6.1.20
PMLIMITU1—Prefetchable Memory Limit Address........................ 179
6.1.21
CAPPTR1—Capabilities Pointer................................................. 180
6.1.22
INTRLINE1—Interrupt Line...................................................... 180
6.1.23
INTRPIN1—Interrupt Pin......................................................... 180
6.1.24
BCTRL1—Bridge Control ......................................................... 181
6.1.25
PM_CAPID1—Power Management Capabilities............................ 183
6.1.26
PM_CS1—Power Management Control/Status ............................ 184
6.1.27
SS_CAPID—Subsystem ID and Vendor ID Capabilities ................ 185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com