Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 82 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 82 Page - Intel Corporation

Back Button G35 Datasheet HTML 78Page - Intel Corporation G35 Datasheet HTML 79Page - Intel Corporation G35 Datasheet HTML 80Page - Intel Corporation G35 Datasheet HTML 81Page - Intel Corporation G35 Datasheet HTML 82Page - Intel Corporation G35 Datasheet HTML 83Page - Intel Corporation G35 Datasheet HTML 84Page - Intel Corporation G35 Datasheet HTML 85Page - Intel Corporation G35 Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 351 page
background image
DRAM Controller Registers (D0:F0)
82
Datasheet
5.1.4
PCISTS—PCI Status
B/D/F/Type:
0/0/0/PCI
Address Offset:
6–7h
Default Value:
0090h
Access:
RWC, RO
Size:
16 bits
This status register reports the occurrence of error events on Device 0's PCI interface.
Since the GMCH Device 0 does not physically reside on PCI_A many of the bits are not
implemented.
Bit
Access &
Default
Description
15
RWC
0b
Detected Parity Error (DPE):
1= Device received a Poisoned TLP.
14
RWC
0b
Signaled System Error (SSE): Software clears this bit by writing a 1
to it.
1= The GMCH Device 0 generated a SERR message over DMI for any
enabled Device 0 error condition. Device 0 error conditions are
enabled in the PCICMD, ERRCMD, and DMIUEMSK registers. Device
0 error flags are read/reset from the PCISTS, ERRSTS, or DMIUEST
registers.
13
RWC
0b
Received Master Abort Status (RMAS): Software clears this bit by
writing a 1 to it.
1 = GMCH generated a DMI request that receives an Unsupported
Request completion packet.
12
RWC
0b
Received Target Abort Status (RTAS): Software clears this bit by
writing a 1 to it.
1 = GMCH generated a DMI request that receives a Completer Abort
completion packet.
11
RO
0b
Signaled Target Abort Status (STAS): The GMCH will not generate
a Target Abort DMI completion packet or Special Cycle. This bit is not
implemented in the GMCH and is hardwired to a 0.
10:9
RO
00b
DEVSEL Timing (DEVT): These bits are hardwired to "00". Writes to
these bit positions have no affect. Device 0 does not physically connect
to PCI_A. These bits are set to "00" (fast decode) so that optimum
DEVSEL timing for PCI_A is not limited by the GMCH.
8
RWC
0b
Master Data Parity Error Detected (DPD):
1 = This bit is set when DMI received a Poisoned completion from the
ICH.
NOTE: This bit can only be set when the Parity Error Enable bit in the
PCI Command register is set.
7
RO
1b
Fast Back-to-Back (FB2B): This bit is hardwired to 1. Device 0 does
not physically connect to PCI_A. This bit is set to 1 (indicating fast
back-to-back capability) so that the optimum setting for PCI_A is not
limited by the GMCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com