Electronic Components Datasheet Search
  English  ▼

X  

G35 Datasheet(PDF) 75 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 75 Page - Intel Corporation

Back Button G35 Datasheet HTML 71Page - Intel Corporation G35 Datasheet HTML 72Page - Intel Corporation G35 Datasheet HTML 73Page - Intel Corporation G35 Datasheet HTML 74Page - Intel Corporation G35 Datasheet HTML 75Page - Intel Corporation G35 Datasheet HTML 76Page - Intel Corporation G35 Datasheet HTML 77Page - Intel Corporation G35 Datasheet HTML 78Page - Intel Corporation G35 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 351 page
background image
GMCH Register Description
Datasheet
75
Bit
Access &
Default
Description
23:16
R/W
00h
Bus Number: If the Bus Number is programmed to 00h the target of
the Configuration Cycle is a PCI Bus #0 agent. If this is the case and
the GMCH is not the target (i.e. the device number is >= 2), then a
DMI Type 0 Configuration Cycle is generated.
If the Bus Number is non-zero, and does not fall within the ranges
enumerated by device 1’s Secondary Bus Number or Subordinate Bus
Number Register, then a DMI Type 1 Configuration Cycle is
generated.
If the Bus Number is non-zero and matches the value programmed
into the Secondary Bus Number Register of device 1, a Type 0 PCI
configuration cycle will be generated on PCI Express.
If the Bus Number is non-zero, greater than the value in the
Secondary Bus Number register of device 1 and less than or equal to
the value programmed into the Subordinate Bus Number Register of
device 1 a Type 1 PCI configuration cycle will be generated on PCI
Express.
This field is mapped to byte 8 [7:0] of the request header format
during PCI Express Configuration cycles and A[23:16] during the DMI
Type 1 configuration cycles.
15:11
R/W
00h
Device Number: This field selects one agent on the PCI bus selected
by the Bus Number. When the Bus Number field is “00” the GMCH
decodes the Device Number field. The GMCH is always Device
Number 0 for the Host bridge entity, Device Number 1 for the Host-
PCI Express entity. Therefore, when the Bus Number =0 and the
Device Number equals 0, 1, or 2 the internal GMCH devices are
selected.
This field is mapped to byte 6 [7:3] of the request header format
during PCI Express Configuration cycles and A [15:11] during the
DMI configuration cycles.
10:8
R/W
000b
Function Number: This field allows the configuration registers of a
particular function in a multi-function device to be accessed. The
GMCH ignores configuration cycles to its internal devices if the
function number is not equal to 0 or 1.
This field is mapped to byte 6 [2:0] of the request header format
during PCI Express Configuration cycles and A[10:8] during the DMI
configuration cycles.
7:2
R/W
00h
Register Number: This field selects one register within a particular
Bus, Device, and Function as specified by the other fields in the
Configuration Address Register.
This field is mapped to byte 7 [7:2] of the request header format
during PCI Express Configuration cycles and A[7:2] during the DMI
Configuration cycles.
1:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com