Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 19 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 15Page - Texas Instruments MSP430F5259 Datasheet HTML 16Page - Texas Instruments MSP430F5259 Datasheet HTML 17Page - Texas Instruments MSP430F5259 Datasheet HTML 18Page - Texas Instruments MSP430F5259 Datasheet HTML 19Page - Texas Instruments MSP430F5259 Datasheet HTML 20Page - Texas Instruments MSP430F5259 Datasheet HTML 21Page - Texas Instruments MSP430F5259 Datasheet HTML 22Page - Texas Instruments MSP430F5259 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903A – MAY 2013 – REVISED JULY 2013
Table 5. Memory Organization(1) (continued)
MSP430F5259, MSP430F5258,
MSP430F5257, MSP430F5256,
MSP430F5255, MSP430F5254
MSP430F5253, MSP430F5252
Info A
128 B
128 B
0019FFh-001980h
0019FFh-001980h
Info B
128 B
128 B
00197Fh-001900h
00197Fh-001900h
Information memory (flash)
Info C
128 B
128 B
0018FFh-001880h
0018FFh-001880h
Info D
128 B
128 B
00187Fh-001800h
00187Fh-001800h
BSL 3
512 B
512 B
0017FFh-001600h
0017FFh-001600h
BSL 2
512 B
512 B
0015FFh-001400h
0015FFh-001400h
Bootstrap loader (BSL) memory (flash)
BSL 1
512 B
512 B
0013FFh-001200h
0013FFh-001200h
BSL 0
512 B
512 B
0011FFh-001000h
0011FFh-001000h
Size
4 KB
4 KB
Peripherals
000FFFh-0h
000FFFh-0h
Bootstrap Loader (BSL)
NOTE
Devices from TI come factory programmed with either an I2C-based BSL or a timer-based
UART BSL. Refer to Table 1 to determine which BSL type is implemented.
Bootstrap Loader - I2C
The I2C BSL enables users to program the flash memory or RAM using a I2C serial interface. Access to the
device memory via the BSL is protected by an user-defined password.
When using the BSL, it requires a specific entry sequence on the RST/NMI and BSLEN pins. Table 6 shows the
required pins and their functions. For further details on interfacing to development tools and device programmers,
see the MSP430™ Hardware Tools User's Guide (SLAU278). For a complete description of the features of the
BSL and its implementation, see the MSP430™ Programming Via the Bootstrap Loader User's Guide
(SLAU319).
Table 6. BSL Pin Requirements and Functions
DEVICE SIGNAL
BSL FUNCTION
RST/NMI
External reset
BSLEN
Enable BSL
P4.1/PM_UCB1SDA
I2C data
P4.2/ PM_UCB1SCL
I2C clock
DVCC, AVCC
Device power supply
DVIO
I/O power supply
DVSS
Ground supply
NOTE
To invoke the BSL from the DVIO domain, the RST/NMI and BSLEN pins must be used
for the entry sequence. It is critical not to confuse the RST/NMI pin with the
RSTDVCC/SBWTDIO pin. In other MSP430 devices, SBWTDIO is shared with the
RST/NMI pin and RSTDVCC does not exist. Additional information can be found in
Designing with MSP430F522x and MSP430F521x Devices (SLAA558).
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com