Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 66 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 62Page - Texas Instruments MSP430F5259 Datasheet HTML 63Page - Texas Instruments MSP430F5259 Datasheet HTML 64Page - Texas Instruments MSP430F5259 Datasheet HTML 65Page - Texas Instruments MSP430F5259 Datasheet HTML 66Page - Texas Instruments MSP430F5259 Datasheet HTML 67Page - Texas Instruments MSP430F5259 Datasheet HTML 68Page - Texas Instruments MSP430F5259 Datasheet HTML 69Page - Texas Instruments MSP430F5259 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
USCI (SPI Slave Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(see Note
(1), Figure 16 and Figure 17)
PARAMETER
TEST CONDITIONS
VCC
VIO
MIN
MAX
UNIT
1.8 V
1.62 V to 1.80 V
12
PMMCOREV = 0
ns
3.0 V
1.62 V to 1.98 V
12
tSTE,LEAD
STE lead time, STE low to clock
2.4 V
1.62 V to 1.98 V
10
PMMCOREV = 3
ns
3.0 V
1.62 V to 1.98 V
10
1.8 V
1.62 V to 1.80 V
6
PMMCOREV = 0
ns
3.0 V
1.62 V to 1.98 V
6
STE lag time, Last clock to STE
tSTE,LAG
high
2.4 V
1.62 V to 1.98 V
6
PMMCOREV = 3
ns
3.0 V
1.62 V to 1.98 V
6
1.8 V
1.62 V to 1.80 V
65
PMMCOREV = 0
ns
3.0 V
1.62 V to 1.98 V
65
STE access time, STE low to SOMI
tSTE,ACC
data out
2.4 V
1.62 V to 1.98 V
45
PMMCOREV = 3
ns
3.0 V
1.62 V to 1.98 V
45
1.8 V
1.62 V to 1.80 V
35
PMMCOREV = 0
ns
3.0 V
1.62 V to 1.98 V
35
STE disable time, STE high to
tSTE,DIS
SOMI high impedance
2.4 V
1.62 V to 1.98 V
25
PMMCOREV = 3
ns
3.0 V
1.62 V to 1.98 V
25
1.8 V
1.62 V to 1.80 V
5
PMMCOREV = 0
ns
3.0 V
1.62 V to 1.98 V
5
tSU,SI
SIMO input data setup time
2.4 V
1.62 V to 1.98 V
5
PMMCOREV = 3
ns
3.0 V
1.62 V to 1.98 V
5
1.8 V
1.62 V to 1.80 V
5
PMMCOREV = 0
ns
3.0 V
1.62 V to 1.98 V
5
tHD,SI
SIMO input data hold time
2.4 V
1.62 V to 1.98 V
5
PMMCOREV = 3
ns
3.0 V
1.62 V to 1.98 V
5
UCLK edge to SOMI valid,
1.8 V
1.62 V to 1.80 V
75
CL = 20 pF,
ns
3.0 V
1.62 V to 1.98 V
75
PMMCOREV = 0
tVALID,SO
SOMI output data valid time(2)
UCLK edge to SOMI valid,
2.4 V
1.62 V to 1.98 V
50
CL = 20 pF,
ns
3.0 V
1.62 V to 1.98 V
50
PMMCOREV = 3
1.8 V
1.62 V to 1.80 V
10
CL = 20 pF,
ns
PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
10
tHD,SO
SOMI output data hold time(3)
2.4 V
1.62 V to 1.98 V
10
CL = 20 pF,
ns
PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
10
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI ≥ max(tVALID,MO(Master) + tSU,SI(USCI), tSU,MI(Master) + tVALID,SO(USCI)).
For the master's parameters tSU,MI(Master) and tVALID,MO(Master) see the SPI parameters of the attached slave.
(2)
Specifies the time to drive the next valid data to the SOMI output after the output changing UCLK clock edge. See the timing diagrams
in Figure 16 and Figure 17.
(3)
Specifies how long data on the SOMI output is valid after the output changing UCLK clock edge. See the timing diagrams in Figure 16
and Figure 17.
66
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com