Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 4Page - Texas Instruments MSP430F5259 Datasheet HTML 5Page - Texas Instruments MSP430F5259 Datasheet HTML 6Page - Texas Instruments MSP430F5259 Datasheet HTML 7Page - Texas Instruments MSP430F5259 Datasheet HTML 8Page - Texas Instruments MSP430F5259 Datasheet HTML 9Page - Texas Instruments MSP430F5259 Datasheet HTML 10Page - Texas Instruments MSP430F5259 Datasheet HTML 11Page - Texas Instruments MSP430F5259 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
Table 3. Terminal Functions
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
RGC
ZQE
YFF
General-purpose digital I/O with port interrupt
P6.4/CB4/A4
5
C1
A2
I/O
Comparator_B input CB4
Analog input A4 – ADC (not available on all device types)
General-purpose digital I/O with port interrupt
P6.5/CB5/A5
6
D2
B3
I/O
Comparator_B input CB5
Analog input A5 – ADC (not available on all device types)
General-purpose digital I/O with port interrupt
P6.6/CB6/A6
7
D1
C4
I/O
Comparator_B input CB6
Analog input A6 – ADC (not available on all device types)
General-purpose digital I/O with port interrupt
P6.7/CB7/A7
8
D3
A3
I/O
Comparator_B input CB7
Analog input A7 – ADC (not available on all device types)
General-purpose digital I/O
Analog input A8 – ADC (not available on all device types)
P5.0/A8/VeREF+
9
E1
B4
I/O
Input for an external reference voltage to the ADC (not available on all device
types)
General-purpose digital I/O
Analog input A9 – ADC (not available on all device types)
P5.1/A9/VeREF-
10
E2
A4
I/O
Negative terminal for the ADC's reference voltage for an external applied
reference voltage (not available on all device types)
AVCC
11
F2
B5
Analog power supply
General-purpose digital I/O
P5.4/XIN
12
F1
A5
I/O
Input terminal for crystal oscillator XT1(2)
General-purpose digital I/O
P5.5/XOUT
13
G1
A6
I/O
Output terminal of crystal oscillator XT1
AVSS
14
G2
B6
Analog ground supply
DVCC
15
H1
A7
Digital power supply
DVSS
16
J1
A8
Digital ground supply
Regulated core power supply output (internal use only, no external current
VCORE(3)
17
J2
B8
loading)
General-purpose digital I/O with port interrupt
P1.0/TA0CLK/ACLK(4)
18
H2
B7
I/O
TA0 clock signal TA0CLK input
ACLK output (divided by 1, 2, 4, 8, 16, or 32)
General-purpose digital I/O with port interrupt
P1.1/TA0.0(4)
19
H3
C7
I/O
TA0 CCR0 capture: CCI0A input, compare: Out0 output
General-purpose digital I/O with port interrupt
P1.2/TA0.1(4)
20
J3
C8
I/O
TA0 CCR1 capture: CCI1A input, compare: Out1 output
General-purpose digital I/O with port interrupt
P1.3/TA0.2(4)
21
G4
C6
I/O
TA0 CCR2 capture: CCI2A input, compare: Out2 output
(1)
I = input, O = output, N/A = not available
(2)
When in crystal bypass mode, XIN can be configured so that it can support an input digital waveform with swing levels from DVSS to
DVCC or DVSS to DVIO. In this case, it is required that the pin be configured properly for the intended input swing.
(3)
VCORE is for internal use only. No external current loading is possible. VCORE should only be connected to the recommended
capacitor value, CVCORE.
(4)
This pin function is supplied by DVIO. See Electrical Characteristics for input and output requirements.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com