| Electronic Components Datasheet Search |
|
MSP430F5259 Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F5259 Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 107 page ![]() MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256 MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252 SLAS903A – MAY 2013 – REVISED JULY 2013 www.ti.com Table 11. Port Mapping Mnemonics and Functions (continued) VALUE PxMAPy MNEMONIC INPUT PIN FUNCTION OUTPUT PIN FUNCTION PM_UCA0RXD USCI_A0 UART RXD (direction controlled by USCI - input) 20 PM_UCA0SOMI USCI_A0 SPI slave out master in (direction controlled by USCI) PM_UCA0TXD USCI_A0 UART TXD (direction controlled by USCI - output) 21 PM_UCA0SIMO USCI_A0 SPI slave in master out (direction controlled by USCI) PM_UCA0CLK USCI_A0 clock input/output (direction controlled by USCI) 22 PM_UCB0STE USCI_B0 SPI slave transmit enable (direction controlled by USCI) PM_UCB0SOMI USCI_B0 SPI slave out master in (direction controlled by USCI) 23 PM_UCB0SCL USCI_B0 I2C clock (open drain and direction controlled by USCI) PM_UCB0SIMO USCI_B0 SPI slave in master out (direction controlled by USCI) 24 PM_UCB0SDA USCI_B0 I2C data (open drain and direction controlled by USCI) PM_UCB0CLK USCI_B0 clock input/output (direction controlled by USCI) 25 PM_UCA0STE USCI_A0 SPI slave transmit enable (direction controlled by USCI) PM_UCA3RXD USCI_A3 UART RXD (direction controlled by USCI - input) 26 PM_UCA3SOMI USCI_A3 SPI slave out master in (direction controlled by USCI) PM_UCA3TXD USCI_A3 UART TXD (direction controlled by USCI - output) 27 PM_UCA3SIMO USCI_A3 SPI slave in master out (direction controlled by USCI) PM_UCB3SIMO USCI_B3 SPI slave in master out (direction controlled by USCI) 28 PM_UCB3SDA USCI_B3I2C data (open drain and direction controlled by USCI) PM_UCB3SOMI USCI_B3 SPI slave out master in (direction controlled by USCI) 29 PM_UCB3SCL USCI_B3 I2C clock (open drain and direction controlled by USCI) 30 Reserved Reserved Disables the output driver and the input Schmitt trigger to prevent parasitic 31 (0FFh)(1) PM_ANALOG cross currents when applying analog signals (1) The value of the PM_ANALOG mnemonic is set to 0FFh. The port mapping registers are only 5 bits wide and the upper bits are ignored resulting in a read out value of 31. Table 12. Default Mapping PIN PxMAPy MNEMONIC INPUT PIN FUNCTION OUTPUT PIN FUNCTION USCI_B1 SPI slave transmit enable (direction controlled by USCI) P4.0/P4MAP0 PM_UCB1STE/PM_UCA1CLK USCI_A1 clock input/output (direction controlled by USCI) USCI_B1 SPI slave in master out (direction controlled by USCI) P4.1/P4MAP1 PM_UCB1SIMO/PM_UCB1SDA USCI_B1 I2C data (open drain and direction controlled by USCI) USCI_B1 SPI slave out master in (direction controlled by USCI) P4.2/P4MAP2 PM_UCB1SOMI/PM_UCB1SCL USCI_B1 I2C clock (open drain and direction controlled by USCI) USCI_A1 SPI slave transmit enable (direction controlled by USCI) P4.3/P4MAP3 PM_UCB1CLK/PM_UCA1STE USCI_B1 clock input/output (direction controlled by USCI) USCI_A1 UART TXD (Direction controlled by USCI - output) P4.4/P4MAP4 PM_UCA1TXD/PM_UCA1SIMO USCI_A1 SPI slave in master out (direction controlled by USCI) USCI_A1 UART RXD (Direction controlled by USCI - input) P4.5/P4MAP5 PM_UCA1RXD/PM_UCA1SOMI USCI_A1 SPI slave out master in (direction controlled by USCI) USCI_A3 UART TXD (Direction controlled by USCI - output) P4.6/P4MAP6 PM_UCA3TXD/PM_UCA3SIMO USCI_A3 SPI slave in master out (direction controlled by USCI) USCI_A3 UART RXD (Direction controlled by USCI - input) P4.7/P4MAP7 PM_UCA3RXD/PM_UCA3SOMI USCI_A3 SPI slave out master in (direction controlled by USCI) 24 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |