Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 52 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 48Page - Texas Instruments MSP430F5259 Datasheet HTML 49Page - Texas Instruments MSP430F5259 Datasheet HTML 50Page - Texas Instruments MSP430F5259 Datasheet HTML 51Page - Texas Instruments MSP430F5259 Datasheet HTML 52Page - Texas Instruments MSP430F5259 Datasheet HTML 53Page - Texas Instruments MSP430F5259 Datasheet HTML 54Page - Texas Instruments MSP430F5259 Datasheet HTML 55Page - Texas Instruments MSP430F5259 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
Output Frequency – General-Purpose I/O DVCC Domain
(P5.0 to P5.5, P6.0 to P6.7, PJ.0 to PJ.3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
(1) (2)V
CC = 1.8 V,
16
PMMCOREVx = 0
Port output frequency
fPx.y
MHz
(with load)
VCC = 3 V,
25
PMMCOREVx = 3
VCC = 1.8 V,
16
PMMCOREVx = 0
ACLK, SMCLK, or MCLK,
fPort_CLK
Clock output frequency
MHz
CL = 20 pF
(2)
VCC = 3 V,
25
PMMCOREVx = 3
(1)
A resistive divider with 2 × R1 between VCC and VSS is used as load. The output is connected to the center tap of the divider. For full
drive strength, R1 = 550
Ω. For reduced drive strength, R1 = 1.6 kΩ. CL = 20 pF is connected to the output to VSS.
(2)
The output voltage reaches at least 10% and 90% VCC at the specified toggle frequency.
Output Frequency – General-Purpose I/O DVIO Domain
(P1.0 to P1.7, P2.0 to P2.7, P3.0 to P3.4, P4.0 to P4.7, P7.0 to P7.5)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
(1) (2)V
IO = 1.62 V to 1.98 V
(3),
16
PMMCOREVx = 0
Port output frequency
fPx.y
MHz
(with load)
VIO = 1.62 V to 1.98 V
(3),
25
PMMCOREVx = 3
VIO = 1.62 V to 1.98 V
(3),
16
PMMCOREVx = 0
ACLK, SMCLK, or MCLK,
fPort_CLK
Clock output frequency
MHz
CL = 20 pF
(2)
VIO = 1.62 V to 1.98 V
(3),
25
PMMCOREVx = 3
(1)
A resistive divider with 2 × R1 between VIO and VSS is used as load. The output is connected to the center tap of the divider. For full
drive strength, R1 = 550
Ω. For reduced drive strength, R1 = 1.6 kΩ. CL = 20 pF is connected to the output to VSS.
(2)
The output voltage reaches at least 10% and 90% VIO at the specified toggle frequency.
(3)
In all test conditions, VIO ≤ VCC.
52
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com