Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 64 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 60Page - Texas Instruments MSP430F5259 Datasheet HTML 61Page - Texas Instruments MSP430F5259 Datasheet HTML 62Page - Texas Instruments MSP430F5259 Datasheet HTML 63Page - Texas Instruments MSP430F5259 Datasheet HTML 64Page - Texas Instruments MSP430F5259 Datasheet HTML 65Page - Texas Instruments MSP430F5259 Datasheet HTML 66Page - Texas Instruments MSP430F5259 Datasheet HTML 67Page - Texas Instruments MSP430F5259 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
USCI (UART Mode), Recommended Operating Conditions
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Internal: SMCLK, ACLK
fUSCI
USCI input clock frequency
External: UCLK
fSYSTEM
MHz
Duty cycle = 50% ± 10%
BITCLK clock frequency
fBITCLK
1
MHz
(equals baud rate in MBaud)
USCI (UART Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
VCC
VIO
MIN
MAX
UNIT
1.8 V
1.62 V to 1.80 V
50
600
tτ
UART receive deglitch time(1)
ns
3.0 V
1.62 V to 1.98 V
50
600
(1)
Pulses on the UART receive input (UCxRX) shorter than the UART receive deglitch time are suppressed. To make sure that pulses are
correctly recognized, their duration should exceed the maximum specification of the deglitch time.
USCI (SPI Master Mode), Recommended Operating Conditions
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Internal: SMCLK or ACLK,
fUSCI
USCI input clock frequency
fSYSTEM
MHz
Duty cycle = 50% ± 10%
USCI (SPI Master Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(see Note
(1), Figure 14 and Figure 15)
PARAMETER
TEST CONDITIONS
VCC
VIO
MIN
MAX
UNIT
SMCLK or ACLK,
fUSCI
USCI input clock frequency
fSYSTEM
MHz
Duty cycle = 50% ± 10%
1.8 V
1.62 V to 1.80 V
55
PMMCOREV = 0
ns
3.0 V
1.62 V to 1.98 V
55
tSU,MI
SOMI input data setup time
2.4 V
1.62 V to 1.98 V
35
PMMCOREV = 3
ns
3.0 V
1.62 V to 1.98 V
35
1.8 V
1.62 V to 1.80 V
0
PMMCOREV = 0
ns
3.0 V
1.62 V to 1.98 V
0
tHD,MI
SOMI input data hold time
2.4 V
1.62 V to 1.98 V
0
PMMCOREV = 3
ns
3.0 V
1.62 V to 1.98 V
0
1.8 V
1.62 V to 1.80 V
20
UCLK edge to SIMO valid,
ns
CL = 20 pF, PMMCOREV = 0
3.0 V
1.62 V to 1.98 V
20
tVALID,MO
SIMO output data valid time(2)
2.4 V
1.62 V to 1.98 V
16
UCLK edge to SIMO valid,
ns
CL = 20 pF, PMMCOREV = 3
3.0 V
1.62 V to 1.98 V
16
1.8 V
1.62 V to 1.80 V
-10
CL = 20 pF, PMMCOREV = 0
ns
3.0 V
1.62 V to 1.98 V
-10
tHD,MO
SIMO output data hold time(3)
2.4 V
1.62 V to 1.98 V
-10
CL = 20 pF, PMMCOREV = 3
ns
3.0 V
1.62 V to 1.98 V
-10
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI ≥ max(tVALID,MO(USCI) + tSU,SI(Slave), tSU,MI(USCI) + tVALID,SO(Slave)).
For the slave's parameters tSU,SI(Slave) and tVALID,SO(Slave) see the SPI parameters of the attached slave.
(2)
Specifies the time to drive the next valid data to the SIMO output after the output changing UCLK clock edge. See the timing diagrams
in Figure 14 and Figure 15.
(3)
Specifies how long data on the SIMO output is valid after the output changing UCLK clock edge. Negative values indicate that the data
on the SIMO output can become invalid before the output changing clock edge observed on UCLK. See the timing diagrams in
Figure 14 and Figure 15.
64
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com