Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 17Page - Texas Instruments MSP430F5259 Datasheet HTML 18Page - Texas Instruments MSP430F5259 Datasheet HTML 19Page - Texas Instruments MSP430F5259 Datasheet HTML 20Page - Texas Instruments MSP430F5259 Datasheet HTML 21Page - Texas Instruments MSP430F5259 Datasheet HTML 22Page - Texas Instruments MSP430F5259 Datasheet HTML 23Page - Texas Instruments MSP430F5259 Datasheet HTML 24Page - Texas Instruments MSP430F5259 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903A – MAY 2013 – REVISED JULY 2013
NOTE
To invoke the BSL from the DVIO domain, the RST/NMI along with the BSLEN pins must
be used for the entry sequence (see DVIO BSL Entry). It is critical not to confuse the
RST/NMI pin with the RSTDVCC/SBWTDIO pin. In other MSP430 devices, SBWTDIO is
shared with the RST/NMI pin and RSTDVCC does not exist. Additional information can be
found in Designing with MSP430F522x and MSP430F521x Devices (SLAA558).
JTAG Operation
JTAG Standard Interface
The MSP430 family supports the standard JTAG interface which requires four signals for sending and receiving
data. The JTAG signals are shared with general-purpose I/O. The TEST/SBWTCK pin is used to enable the
JTAG signals. In addition to these signals, the RSTDVCC/SBWTDIO is required to interface with MSP430
development tools and device programmers. The JTAG pin requirements are shown in Table 9. For further
details on interfacing to development tools and device programmers, see the MSP430™ Hardware Tools User's
Guide (SLAU278). For a complete description of the features of the JTAG interface and its implementation, see
MSP430™ Programming Via the JTAG Interface (SLAU320). Additional information can be found in Designing
with MSP430F522x and MSP430F521x Devices (SLAA558).
Table 9. JTAG Pin Requirements and Functions
DEVICE SIGNAL
DIRECTION
FUNCTION
PJ.3/TCK
IN
JTAG clock input
PJ.2/TMS
IN
JTAG state control
PJ.1/TDI/TCLK
IN
JTAG data input, TCLK input
PJ.0/TDO
OUT
JTAG data output
TEST/SBWTCK
IN
Enable JTAG pins
RSTDVCC/SBWTDIO
IN
External reset
DVCC, AVCC
Device power supply
DVIO
I/O power supply
DVSS
Ground supply
NOTE
Traditionally, on other MSP430 devices, the RST/NMI pin is used for SBWTDIO, so care
must be taken not to mistakenly use the incorrect pin. On the F525x series of devices, it is
required to use RSTDVCC for SBWTDIO as shown in Table 9. Additional information can
be found inDesigning with MSP430F522x and MSP430F521x Devices (SLAA558).
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com