Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 12 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 8Page - Texas Instruments MSP430F5259 Datasheet HTML 9Page - Texas Instruments MSP430F5259 Datasheet HTML 10Page - Texas Instruments MSP430F5259 Datasheet HTML 11Page - Texas Instruments MSP430F5259 Datasheet HTML 12Page - Texas Instruments MSP430F5259 Datasheet HTML 13Page - Texas Instruments MSP430F5259 Datasheet HTML 14Page - Texas Instruments MSP430F5259 Datasheet HTML 15Page - Texas Instruments MSP430F5259 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
Table 3. Terminal Functions (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
RGC
ZQE
YFF
Reset input active low(14)
RSTDVCC/SBWTDIO(13)
64
A2
D4
I/O
Spy-Bi-Wire data input/output when Spy-Bi-Wire operation activated
General-purpose digital I/O with port interrupt
TA2 clock signal TA2CLK input
P6.0/TA2CLK/SMCLK/CB0/A0
1
A1
C2
I/O
SMCLK output
Comparator_B input CB0
Analog input A0 – ADC (not available on all device types)
General-purpose digital I/O with port interrupt
TA2 CCR0 capture: CCI0A input, compare: Out0 output
P6.1/TA2.0/CB1/A1
2
B2
A1
I/O
Comparator_B input CB1
Analog input A1 – ADC (not available on all device types)
BSL transmit output
General-purpose digital I/O with port interrupt
TA2 CCR1 capture: CCI1A input, compare: Out1 output
P6.2/TA2.1/CB2/A2
3
B1
B2
I/O
Comparator_B input CB2
Analog input A2 – ADC (not available on all device types)
BSL receive input
General-purpose digital I/O with port interrupt
TA2 CCR2 capture: CCI2A input, compare: Out2 output
P6.3/TA2.2/CB3/A3
4
C2
C3
I/O
Comparator_B input CB3
Analog input A3 – ADC (not available on all device types)
Reserved
N/A
(15)
N/A
Reserved
QFN Pad
Pad
N/A
N/A
QFN package pad. Connection to VSS recommended.
(14) This non-configurable reset resides on the DVCC supply domain and has an internal pullup to DVCC. When driven from external, input
swing levels from DVSS to DVCC are required. This reset must be used for Spy-Bi-Wire communication and is not the same RST/MNI
reset as found on other devices in the MSP430 family. Refer to Bootstrap Loader - I2C and JTAG Operation for details regarding the
use of this pin.
(15) C6, D4, D5, D6, E3, E4, E5, E6, F3, F4, F5, F6, F7, F8, G3 are reserved and should be connected to ground.
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com