Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 5Page - Texas Instruments MSP430F5259 Datasheet HTML 6Page - Texas Instruments MSP430F5259 Datasheet HTML 7Page - Texas Instruments MSP430F5259 Datasheet HTML 8Page - Texas Instruments MSP430F5259 Datasheet HTML 9Page - Texas Instruments MSP430F5259 Datasheet HTML 10Page - Texas Instruments MSP430F5259 Datasheet HTML 11Page - Texas Instruments MSP430F5259 Datasheet HTML 12Page - Texas Instruments MSP430F5259 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903A – MAY 2013 – REVISED JULY 2013
Table 3. Terminal Functions (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
RGC
ZQE
YFF
General-purpose digital I/O with port interrupt
P1.4/TA0.3(4)
22
H4
C5
I/O
TA0 CCR3 capture: CCI3A input compare: Out3 output
General-purpose digital I/O with port interrupt
P1.5/TA0.4(4)
23
J4
D8
I/O
TA0 CCR4 capture: CCI4A input, compare: Out4 output
General-purpose digital I/O with port interrupt
P1.6/TA1CLK/CBOUT(4)
24
G5
D7
I/O
TA1 clock signal TA1CLK input
Comparator_B output
General-purpose digital I/O with port interrupt
P1.7/TA1.0(4)
25
H5
D6
I/O
TA1 CCR0 capture: CCI0A input, compare: Out0 output
General-purpose digital I/O with port interrupt
P2.0/TA1.1(4)
26
J5
E8
I/O
TA1 CCR1 capture: CCI1A input, compare: Out1 output
General-purpose digital I/O with port interrupt
P2.1/TA1.2(4)
27
G6
D5
I/O
TA1 CCR2 capture: CCI2A input, compare: Out2 output
General-purpose digital I/O with port interrupt
P2.2/UCB3SIMO/UCB3SDA (4)
28
J6
E7
I/O
Slave in, master out – USCI_B3 SPI mode
I2C data – USCI_B3 I2C mode
General-purpose digital I/O with port interrupt
Clock signal input – USCI_B3 SPI slave mode
P2.3/UCB3SOMI/UCB3SCL(5)
29
H6
F8
I/O
Clock signal output – USCI_B3 SPI master mode
Slave transmit enable – USCI_A3 SPI mode
General-purpose digital I/O with port interrupt
Clock signal input – USCI_B3 SPI slave mode
P2.4/UCB3CLK/UCA3STE(5)
30
J7
E6
I/O
Clock signal output – USCI_B3 SPI master mode
Slave transmit enable – USCI_A3 SPI mode
General-purpose digital I/O with port interrupt
Slave transmit enable – USCI_B3 SPI mode
P2.5/UCB3STE/UCA3CLK(5)
31
J8
F7
I/O
Clock signal input – USCI_A3 SPI slave mode
Clock signal output – USCI_A3 SPI master mode
General-purpose digital I/O with port interrupt
P2.6/RTCCLK/DMAE0 (5)
32
J9
G8
I/O
RTC clock output for calibration
DMA external trigger input
General-purpose digital I/O
Slave transmit enable – USCI_B0 SPI mode
P2.7/UCB0STE/UCA0CLK(5)
33
H7
F6
I/O
Clock signal input – USCI_A0 SPI slave mode
Clock signal output – USCI_A0 SPI master mode
General-purpose digital I/O
P3.0/UCB0SIMO/UCB0SDA (5)
34
H8
H8
I/O
Slave in, master out – USCI_B0 SPI mode
I2C data – USCI_B0 I2C mode
General-purpose digital I/O
P3.1/UCB0SOMI/UCB0SCL(5)
35
H9
G7
I/O
Slave out, master in – USCI_B0 SPI mode
I2C clock – USCI_B0 I2C mode
(5)
This pin function is supplied by DVIO. See Electrical Characteristics for input and output requirements.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com