Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 63 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 59Page - Texas Instruments MSP430F5259 Datasheet HTML 60Page - Texas Instruments MSP430F5259 Datasheet HTML 61Page - Texas Instruments MSP430F5259 Datasheet HTML 62Page - Texas Instruments MSP430F5259 Datasheet HTML 63Page - Texas Instruments MSP430F5259 Datasheet HTML 64Page - Texas Instruments MSP430F5259 Datasheet HTML 65Page - Texas Instruments MSP430F5259 Datasheet HTML 66Page - Texas Instruments MSP430F5259 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903A – MAY 2013 – REVISED JULY 2013
Timer_A
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
VIO
MIN
MAX UNIT
Internal: SMCLK, ACLK
1.8 V
1.62 V to 1.8 V
25
fTA
Timer_A input clock frequency
External: TACLK
MHz
3.0 V
1.62 V to 1.98 V
25
Duty cycle = 50% ± 10%
All capture inputs,
1.8 V
1.62 V to 1.8 V
20
tTA,cap
Timer_A capture timing(1)
ns
Minimum pulse duration
3.0 V
1.62 V to 1.98 V
20
required for capture
(1)
The external signal sets the interrupt flag every time the minimum parameters are met. It may be set even with trigger signals shorter
than tTA,cap.
Timer_B
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
VIO
MIN
MAX UNIT
Internal: SMCLK, ACLK
1.8 V
1.62 V to 1.8 V
25
fTB
Timer_B input clock frequency
External: TBCLK
MHz
3.0 V
1.62 V to 1.98 V
25
Duty cycle = 50% ± 10%
All capture inputs,
1.8 V
1.62 V to 1.8 V
20
tTB,cap
Timer_B capture timing(1)
ns
Minimum pulse duration
3.0 V
1.62 V to 1.98 V
20
required for capture
(1)
The external signal sets the interrupt flag every time the minimum parameters are met. It may be set even with trigger signals shorter
than tTB,cap.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com