Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 72 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 68Page - Texas Instruments MSP430F5259 Datasheet HTML 69Page - Texas Instruments MSP430F5259 Datasheet HTML 70Page - Texas Instruments MSP430F5259 Datasheet HTML 71Page - Texas Instruments MSP430F5259 Datasheet HTML 72Page - Texas Instruments MSP430F5259 Datasheet HTML 73Page - Texas Instruments MSP430F5259 Datasheet HTML 74Page - Texas Instruments MSP430F5259 Datasheet HTML 75Page - Texas Instruments MSP430F5259 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
Comparator_B
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC
Supply voltage
1.8
3.6
V
1.8 V
38
CBPWRMD = 00, CBON = 1, CBRSx = 00
2.2 V
31
38
Comparator operating
supply current into
3 V
32
39
IAVCC_COMP
AVCC. Excludes
µA
2.2 V,
CBPWRMD = 01, CBON = 1, CBRSx = 00
10
17
reference resistor
3 V
ladder.
2.2 V,
CBPWRMD = 10, CBON = 1, CBRSx = 00
0.2
0.85
3 V
CBREFLx = 01, CBREFACC = 0
≥ 1.8V
1.400
1.43
1.472
VREF
Reference voltage level
CBREFLx = 10, CBREFACC = 0
≥ 2.2V
1.864
1.90
1.960
V
CBREFLx = 11, CBREFACC = 0
≥ 3.0V
2.32
2.37
2.44
CBREFACC = 0, CBREFLx = 01, CBRSx = 10,
2.2 V,
Quiescent current of
33
40
µA
REFON = 0, CBON = 0
3 V
resistor ladder into
IAVCC_REF
AVCC. Including REF
CBREFACC = 1, CBREFLx = 01, CBRSx = 10,
2.2 V,
17
22
µA
module current.
REFON = 0, CBON = 0
3 V
Common mode input
VIC
0
VCC-1
V
range
CBPWRMD = 00
-20
20
mV
VOFFSET
Input offset voltage
CBPWRMD = 01, 10
-10
10
mV
CIN
Input capacitance
5
pF
ON - switch closed
3
4
k
Ω
RSIN
Series input resistance
OFF - switch opened
50
M
Ω
CBPWRMD = 00, CBF = 0
450
ns
Propagation delay,
tPD
CBPWRMD = 01, CBF = 0
600
ns
response time
CBPWRMD = 10, CBF = 0
50
µs
CBPWRMD = 00, CBON = 1, CBF = 1,
0.35
0.6
1.5
µs
CBFDLY = 00
CBPWRMD = 00, CBON = 1, CBF = 1,
0.6
1.0
1.8
µs
CBFDLY = 01
Propagation delay with
tPD,filter
filter active
CBPWRMD = 00, CBON = 1, CBF = 1,
1.0
1.8
3.4
µs
CBFDLY = 10
CBPWRMD = 00, CBON = 1, CBF = 1,
1.8
3.4
6.5
µs
CBFDLY = 11
tEN_CMP
Comparator enable time
CBON = 0 to CBON = 1, CBPWRMD = 00, 01
1
2
µs
Resistor reference
tEN_REF
CBON = 0 to CBON = 1
1.0
1.5
µs
enable time
Temperature coefficient
ppm/
TCREF
50
reference
°C
VIN ×
VIN ×
VIN ×
VIN = reference into resistor ladder,
Reference voltage for a
VCB_REF
(n+0.5)
(n+1)
(n+1.5)
V
given tap
n = 0 to 31
/32
/32
/32
72
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com