Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 68 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 64Page - Texas Instruments MSP430F5259 Datasheet HTML 65Page - Texas Instruments MSP430F5259 Datasheet HTML 66Page - Texas Instruments MSP430F5259 Datasheet HTML 67Page - Texas Instruments MSP430F5259 Datasheet HTML 68Page - Texas Instruments MSP430F5259 Datasheet HTML 69Page - Texas Instruments MSP430F5259 Datasheet HTML 70Page - Texas Instruments MSP430F5259 Datasheet HTML 71Page - Texas Instruments MSP430F5259 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
SDA
SCL
t
HD,DAT
t
SU,DAT
t
HD,STA
t
HIGH
t
LOW
t
BUF
t
HD,STA
t
SU,STA
t
SP
t
SU,STO
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
USCI (I2C Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 18)
PARAMETER
TEST CONDITIONS
VCC
VIO
(1)
MIN
MAX
UNIT
Internal: SMCLK or ACLK,
fUSCI
USCI input clock frequency
External: UCLK,
fSYSTEM
MHz
Duty cycle = 50% ± 10%
fSCL
SCL clock frequency
2.2 V, 3 V
1.62 V to 1.98 V
0
400
kHz
fSCL ≤ 100 kHz
4.0
tHD,STA
Hold time (repeated) START
2.2 V, 3 V
1.62 V to 1.98 V
µs
fSCL > 100 kHz
0.6
fSCL ≤ 100 kHz
4.7
Setup time for a repeated
tSU,STA
2.2 V, 3 V
1.62 V to 1.98 V
µs
START
fSCL > 100 kHz
0.6
tHD,DAT
Data hold time
2.2 V, 3 V
1.62 V to 1.98 V
0
ns
tSU,DAT
Data setup time
2.2 V, 3 V
1.62 V to 1.98 V
250
ns
fSCL ≤ 100 kHz
4.0
tSU,STO
Setup time for STOP
2.2 V, 3 V
1.62 V to 1.98 V
µs
fSCL > 100 kHz
0.6
Pulse duration of spikes
tSP
2.2 V, 3 V
1.62 V to 1.98 V
50
600
ns
suppressed by input filter
(1)
In all test conditions, VIO ≤ VCC
Figure 18. I2C Mode Timing
68
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com