Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 42 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 38Page - Texas Instruments MSP430F5259 Datasheet HTML 39Page - Texas Instruments MSP430F5259 Datasheet HTML 40Page - Texas Instruments MSP430F5259 Datasheet HTML 41Page - Texas Instruments MSP430F5259 Datasheet HTML 42Page - Texas Instruments MSP430F5259 Datasheet HTML 43Page - Texas Instruments MSP430F5259 Datasheet HTML 44Page - Texas Instruments MSP430F5259 Datasheet HTML 45Page - Texas Instruments MSP430F5259 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
Table 46. USCI_A2 Registers (Base Address: 0640h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI control 1
UCA2CTL1
00h
USCI control 0
UCA2CTL0
01h
USCI baud rate 0
UCA2BR0
06h
USCI baud rate 1
UCA2BR1
07h
USCI modulation control
UCA2MCTL
08h
USCI status
UCA2STAT
0Ah
USCI receive buffer
UCA2RXBUF
0Ch
USCI transmit buffer
UCA2TXBUF
0Eh
USCI LIN control
UCA2ABCTL
10h
USCI IrDA transmit control
UCA2IRTCTL
12h
USCI IrDA receive control
UCA2IRRCTL
13h
USCI interrupt enable
UCA2IE
1Ch
USCI interrupt flags
UCA2IFG
1Dh
USCI interrupt vector word
UCA2IV
1Eh
Table 47. USCI_B2 Registers (Base Address: 0660h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI synchronous control 1
UCB2CTL1
00h
USCI synchronous control 0
UCB2CTL0
01h
USCI synchronous bit rate 0
UCB2BR0
06h
USCI synchronous bit rate 1
UCB2BR1
07h
USCI synchronous status
UCB2STAT
0Ah
USCI synchronous receive buffer
UCB2RXBUF
0Ch
USCI synchronous transmit buffer
UCB2TXBUF
0Eh
USCI I2C own address
UCB2I2COA
10h
USCI I2C slave address
UCB2I2CSA
12h
USCI interrupt enable
UCB2IE
1Ch
USCI interrupt flags
UCB2IFG
1Dh
USCI interrupt vector word
UCB2IV
1Eh
Table 48. USCI_A3 Registers (Base Address: 0680h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI control 1
UCA3CTL1
00h
USCI control 0
UCA3CTL0
01h
USCI baud rate 0
UCA3BR0
06h
USCI baud rate 1
UCA3BR1
07h
USCI modulation control
UCA3MCTL
08h
USCI status
UCA3STAT
0Ah
USCI receive buffer
UCA3RXBUF
0Ch
USCI transmit buffer
UCA3TXBUF
0Eh
USCI LIN control
UCA3ABCTL
10h
USCI IrDA transmit control
UCA3IRTCTL
12h
USCI IrDA receive control
UCA3IRRCTL
13h
USCI interrupt enable
UCA3IE
1Ch
USCI interrupt flags
UCA3IFG
1Dh
USCI interrupt vector word
UCA3IV
1Eh
42
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com