Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F5259 Datasheet HTML 1Page - Texas Instruments MSP430F5259 Datasheet HTML 2Page - Texas Instruments MSP430F5259 Datasheet HTML 3Page - Texas Instruments MSP430F5259 Datasheet HTML 4Page - Texas Instruments MSP430F5259 Datasheet HTML 5Page - Texas Instruments MSP430F5259 Datasheet HTML 6Page - Texas Instruments MSP430F5259 Datasheet HTML 7Page - Texas Instruments MSP430F5259 Datasheet HTML 8Page - Texas Instruments MSP430F5259 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903A – MAY 2013 – REVISED JULY 2013
MSP430F525x Mixed Signal Microcontroller
1
FEATURES
2
•
Dual-Supply Voltage Device
•
Flexible Power Management System
–
Primary Supply (AVCC, DVCC)
–
Fully Integrated LDO With Programmable
Regulated Core Supply Voltage
–
Powered From External Supply:
3.6 V Down to 1.8 V
–
Supply Voltage Supervision, Monitoring,
and Brownout
–
Up to 18 General-Purpose I/Os With up
to Eight External Interrupts
•
Unified Clock System
–
Low-Voltage Interface Supply (DVIO)
–
FLL Control Loop for Frequency
Stabilization
–
Powered From Separate External
Supply: 1.62 V to 1.98 V
–
Low-Power Low-Frequency Internal Clock
Source (VLO)
–
Up to 35 General-Purpose I/Os With up
to Sixteen External Interrupts
–
Low-Frequency Trimmed Internal Reference
Source (REFO)
–
Serial Communications
–
32-kHz Watch Crystals (XT1)
•
Ultralow-Power Consumption
–
HF Crystals up to 32 MHz (XT2)
–
Active Mode (AM):
All System Clocks Active
•
16-Bit Timer TA0, Timer_A With Five
290 µA/MHz at 8 MHz, 3.0 V, Flash Program
Capture/Compare Registers
Execution (Typical)
•
16-Bit Timer TA1, Timer_A With Three
150 µA/MHz at 8 MHz, 3.0 V, RAM Program
Capture/Compare Registers
Execution (Typical)
•
16-Bit Timer TA2, Timer_A With Three
–
Standby Mode (LPM3):
Capture/Compare Registers
Real-Time Clock With Crystal, Watchdog,
•
16-Bit Timer TB0, Timer_B With Seven
and Supply Supervisor Operational, Full
Capture/Compare Shadow Registers
RAM Retention, Fast Wake-Up:
•
Four Universal Serial Communication
2.1 µA at 2.2 V, 2.3 µA at 3.0 V (Typical)
Interfaces
Low-Power Oscillator (VLO), General-
–
USCI_A0, A1, A2, A3 Each Support:
Purpose Counter, Watchdog, and Supply
Supervisor Operational, Full RAM
–
Enhanced UART With Auto-Baudrate
Retention, Fast Wake-Up:
Detection
1.6 µA at 3.0 V (Typical)
–
IrDA Encoder and Decoder
–
Off Mode (LPM4):
–
Synchronous SPI
Full RAM Retention, Supply Supervisor
–
USCI_B0, B1, B2, B3 Each Support:
Operational, Fast Wake-Up:
–
I2C
1.3 µA at 3.0 V (Typical)
–
Synchronous SPI
–
Shutdown Mode (LPM4.5):
•
10-Bit Analog-to-Digital Converter (ADC) With
0.18 µA at 3.0 V (Typical)
Internal Reference, Sample-and-Hold
•
Wake Up From Standby Mode in 3.5 µs
•
Comparator
(Typical)
•
Hardware Multiplier Supports 32-Bit
•
16-Bit RISC Architecture, Extended Memory,
Operations
Up to 25-MHz System Clock
•
Serial Onboard Programming, No External
Programming Voltage Needed
•
Three-Channel Internal DMA
•
Basic Timer With Real-Time Clock Feature
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430, Code Composer Studio are trademarks of Texas Instruments.
PRODUCT PREVIEW information concerns products in the
Copyright © 2013, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - MSP430F5259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5259IRGCR TI1-MSP430F5259IRGCR Datasheet
1Mb / 112P
Mixed-Signal Microcontrollers
MSP430F5259IRGCT TI1-MSP430F5259IRGCT Datasheet
1Mb / 112P
Mixed-Signal Microcontrollers
MSP430F5259IZQE TI1-MSP430F5259IZQE Datasheet
1Mb / 112P
Mixed-Signal Microcontrollers
MSP430F5259IZQER TI1-MSP430F5259IZQER Datasheet
1Mb / 112P
Mixed-Signal Microcontrollers
MSP430F5259 TI1-MSP430F5259_15 Datasheet
1Mb / 112P
Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com