Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 91 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 87Page - Texas Instruments MSP430F5259 Datasheet HTML 88Page - Texas Instruments MSP430F5259 Datasheet HTML 89Page - Texas Instruments MSP430F5259 Datasheet HTML 90Page - Texas Instruments MSP430F5259 Datasheet HTML 91Page - Texas Instruments MSP430F5259 Datasheet HTML 92Page - Texas Instruments MSP430F5259 Datasheet HTML 93Page - Texas Instruments MSP430F5259 Datasheet HTML 94Page - Texas Instruments MSP430F5259 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903A – MAY 2013 – REVISED JULY 2013
DEVICE DESCRIPTORS
Table 62 and Table 63 list the complete contents of the device descriptor tag-length-value (TLV) structure for
each device type.
Table 62. MSP430F5259, MSP430F5257, MSP430F5255, MSP430F5253 Device Descriptor Table(1)
F5259
F5257
F5255
F5253
Size
Description
Address
(bytes)
Value
Value
Value
Value
Info Block
Info length
01A00h
1
06h
06h
06h
06h
CRC length
01A01h
1
06h
06h
06h
06h
CRC value
01A02h
2
per unit
per unit
per unit
per unit
Device ID
01A04h
1
FF
01
03
05
Device ID
01A05h
1
81
82
82
82
Hardware revision
01A06h
1
per unit
per unit
per unit
per unit
Firmware revision
01A07h
1
per unit
per unit
per unit
per unit
Die Record
Die Record Tag
01A08h
1
08h
08h
08h
08h
Die Record length
01A09h
1
0Ah
0Ah
0Ah
0Ah
Lot/Wafer ID
01A0Ah
4
per unit
per unit
per unit
per unit
Die X position
01A0Eh
2
per unit
per unit
per unit
per unit
Die Y position
01A10h
2
per unit
per unit
per unit
per unit
Test results
01A12h
2
per unit
per unit
per unit
per unit
ADC10
ADC10 Calibration Tag
01A14h
1
13h
13h
13h
13h
Calibration
ADC10 Calibration length
01A15h
1
10h
10h
10h
10h
ADC Gain Factor
01A16h
2
per unit
per unit
per unit
per unit
ADC Offset
01A18h
2
per unit
per unit
per unit
per unit
ADC 1.5-V Reference
01A1Ah
2
per unit
per unit
per unit
per unit
Temp. Sensor 30°C
ADC 1.5-V Reference
01A1Ch
2
per unit
per unit
per unit
per unit
Temp. Sensor 85°C
ADC 2.0-V Reference
01A1Eh
2
per unit
per unit
per unit
per unit
Temp. Sensor 30°C
ADC 2.0-V Reference
01A20h
2
per unit
per unit
per unit
per unit
Temp. Sensor 85°C
ADC 2.5-V Reference
01A22h
2
per unit
per unit
per unit
per unit
Temp. Sensor 30°C
ADC 2.5-V Reference
01A24h
2
per unit
per unit
per unit
per unit
Temp. Sensor 85°C
REF Calibration
REF Calibration Tag
01A26h
1
12h
12h
12h
12h
REF Calibration length
01A27h
1
06h
06h
06h
06h
REF 1.5-V Reference Factor
01A28h
2
per unit
per unit
per unit
per unit
REF 2.0-V Reference Factor
01A2Ah
2
per unit
per unit
per unit
per unit
REF 2.5-V Reference Factor
01A2Ch
2
per unit
per unit
per unit
per unit
(1)
NA = Not applicable, blank = unused and reads FFh.
Table 63. MSP430F5258, MSP430F5256, MSP430F5254, MSP430F5252 Device Descriptor Table(1)
F5258
F5256
F5254
F5252
Size
Description
Address
(bytes)
Value
Value
Value
Value
Info Block
Info length
01A00h
1
06h
06h
06h
06h
CRC length
01A01h
1
06h
06h
06h
06h
CRC value
01A02h
2
per unit
per unit
per unit
per unit
(1)
NA = Not applicable, blank = unused and reads FFh.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com