Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 28 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 24Page - Texas Instruments MSP430F5259 Datasheet HTML 25Page - Texas Instruments MSP430F5259 Datasheet HTML 26Page - Texas Instruments MSP430F5259 Datasheet HTML 27Page - Texas Instruments MSP430F5259 Datasheet HTML 28Page - Texas Instruments MSP430F5259 Datasheet HTML 29Page - Texas Instruments MSP430F5259 Datasheet HTML 30Page - Texas Instruments MSP430F5259 Datasheet HTML 31Page - Texas Instruments MSP430F5259 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
Universal Serial Communication Interface (USCI) (Links to user's guide: UART Mode,SPI Mode, I2C Mode)
The USCI modules are used for serial data communication. The USCI module supports synchronous
communication protocols such as SPI (3 or 4 pin) and I2C, and asynchronous communication protocols such as
UART, enhanced UART with automatic baudrate detection, and IrDA. Each USCI module contains two portions,
A and B.
The USCI_An module provides support for SPI (3 pin or 4 pin), UART, enhanced UART, or IrDA.
The USCI_Bn module provides support for SPI (3 pin or 4 pin) or I2C.
The MSP430F525x include four complete USCI modules (n = 0, 1, 2, 3).
TA0 (Link to user's guide)
TA0 is a 16-bit timer/counter (Timer_A type) with five capture/compare registers. It can support multiple captures
or compares, PWM outputs, and interval timing. It also has extensive interrupt capabilities. Interrupts may be
generated from the counter on overflow conditions and from each of the capture/compare registers.
Table 15. TA0 Signal Connections
INPUT PIN
MODULE
DEVICE
OUTPUT PIN NUMBER
DEVICE INPUT
MODULE
MODULE
NUMBER
OUTPUT
OUTPUT
SIGNAL
INPUT SIGNAL
BLOCK
SIGNAL
SIGNAL
RGC, ZQE, YFF
RGC, ZQE, YFF
18, H2, G2 - P1.0
TA0CLK
TACLK
ACLK (internal)
ACLK
Timer
NA
NA
SMCLK
SMCLK
(internal)
18, H2, G2 - P1.0
TA0CLK
TACLK
19, H3, G3 - P1.1
TA0.0
CCI0A
19, H3, G3 - P1.1
DVSS
CCI0B
CCR0
TA0
TA0.0
DVSS
GND
DVCC
VCC
20, J3, H3 - P1.2
TA0.1
CCI1A
20, J3, H3 - P1.2
CBOUT
ADC10 (internal)
CCI1B
(internal)
ADC10SHSx = {1}
CCR1
TA1
TA0.1
DVSS
GND
DVCC
VCC
21, G4, F3 - P1.3
TA0.2
CCI2A
21, G4, F3 - P1.3
ACLK (internal)
CCI2B
CCR2
TA2
TA0.2
DVSS
GND
DVCC
VCC
22, H4, E3 - P1.4
TA0.3
CCI3A
22, H4, E3 - P1.4
DVSS
CCI3B
CCR3
TA3
TA0.3
DVSS
GND
DVCC
VCC
23, J4, H4 - P1.5
TA0.4
CCI4A
23, J4, H4 - P1.5
DVSS
CCI4B
CCR4
TA4
TA0.4
DVSS
GND
DVCC
VCC
28
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com